Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9352 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
8 of 12
Notice: The information in this document is subject to change without notice.
Figure 1. AC Test Reference for VDD = 3.3V / 2.5V
Figure 2. LVCMOS Propagation Delay t(
φ), Static Phase Offset
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (DC)
Figure 4. Output-to-Output Skew , tsk(O)
LVCMOS_CLK
VDD
VDD/2
GND
tP
T0
tSK(0)
VDD
VDD/2
GND
VDD
VDD/2
GND
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
RT = 50 ohm
VTT
VTT
RT = 50 ohm
Zo = 50 ohm
LVCMOS_CLK
VDD
VDD
VDD/2
VDD/2
GND
GND
t(
φ)
FB_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com