| Electronic Components Datasheet Search |
|
EKTF6708 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp |
|
15 / 158 page ![]() eKTF6708 8-Bit Microcontroller IC Product Specification (V1.2) 03.12.2020 5 (This specification is subject to change without prior notice) Name Function Input Type Output Type Description P61/TK2 P61 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK2 AN TK2 are Touch Key pins P62/TK3 P62 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK3 AN TK3 are Touch Key pins P63/TK4 P63 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK4 AN TK4 are Touch Key pins P64/TK5 P64 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK5 AN TK5 are Touch Key pins P65/TK6/PWMC P65 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK6 AN TK6 are Touch Key pins PWMC CMOS PWMC output P66/TK7/PWMB P66 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK7 AN TK7 are Touch Key pins PWMB CMOS PWMB output P67/TK8/PWMA P67 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up TK8 AN TK8 are Touch Key pins PWMA CMOS PWMA output P70/AD0/VREF/TKO P70 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up AD0 AN Analog to Digital Converter input pins VREF AN External reference voltage for ADC TKO AN TK function output pin, for TK Active shielding Application. P71/AD1 P71 ST CMOS Bidirectional I/O pin with programmable pull-down, pull-high, open-drain, and pin change wake-up AD1 AN Analog to Digital Converter input pins Note: OCD: On-Chip Debug system |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |