Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 21Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 25Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 15
(This specification is subject to change without prior notice)
For SUB, SUBB, DEC, DECA, NEG instructions
0: Borrow occurs.
1: No borrow occurs.
For RLC, RRC, RLCA, RRCA instructions
The Carry flag is used as a link between the least significant bit (LSB) and the most
significant bit (MSB).
6.1.5 R4: RSR (RAM Select Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RSR7
RSR6
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (RSR7~RSR0): These bits are used to select registers (Address 00 ~ FF) in
indirect addressing mode. For more details, refer to the table on Data Memory
Configuration in Section 6.1.3, R2: PCL (Program Counter Low).
6.1.6 Bank 0 R5 ~ R7: (Port 5 ~ Port 7)
R5, R6, and R7 are I/O data registers.
6.1.7 Bank 0 R8 ~ RA: (Reserved)
6.1.8 Bank 0 RB~RD: (IOCR5 ~ IOCR7)
These registers are used to control the I/O port direction. They are both
readable and writable.
0: Set the relative I/O pin as output
1: Set the relative I/O pin into high impedance
6.1.9 Bank 0 RE: OMCR (Operating Mode Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CPUS
IDLE
PERCS
-
FMSF
-
RCM1
RCM0
R/W
R/W
R/W
-
R
-
R/W
R/W
Bit 7 (CPUS): CPU Oscillator Source Select.
0: Fs: sub-oscillator
1: Fm: main-oscillator (default)
When CPUS=0, the CPU oscillator select sub-oscillator and the main oscillator
is stopped.
Bit 6 (IDLE): Idle Mode Enable Bit. This bit will decide SLEP instruction which mode to go.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com