Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 74Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 75Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 158 page
background image
eKTF6708
8-Bit Microcontroller
62
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA2WR[7] TA2WR[6] TA2WR[5] TA2WR[4] TA2WR[3] TA2WR[2] TA2WR[1] TA2WR[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~6 (TA2WR[7:6]): 2nd flow TK group A idle scan wakeup range multiple set bits.
Bits 5~0 (TA2WR[5:0]): 2nd flow TK group A idle scan wakeup range multiplicand set bits.
TA2WR[7:6]
Idle scan wakeup range
00
TA2WR[5:0] x 1
01
TA2WR[5:0] x 2
10
TA2WR[5:0] x 4
11
TA2WR[5:0] x 8
6.1.129 Bank 2 R1D ~ R22: (Reserved)
6.1.130 Bank 2 R23: TKITOR (Touch Key idle scan time out counter
Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKITO[7]
TKITO[6]
TKITO[5]
TKITO[4]
TKITO[3]
TKITO[2]
TKITO[1]
TKITO[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TKITO[7:0]) : TK idle scan mode time out counter set bits.
TK idle scan time out = (16 * time out counter) * idle scan time
*TKITOR = 0x00 : TK idle scan mode time out function disable
TK idle scan Time
…...
1
st
2
nd
3
rd
(16 * TKITOR)
th
TKTOSF
*If threshold compare condition dissat isf ied and cont inuous (16*TKITO R)
times(Idle with scan mode time out), then TKTOSF=1
TK idle with scan mode
Time out
TKCSF
6.1.131 Bank 2 R24 ~ R46: (Reserved)
6.1.132 Bank 2 R47: LOCKPR (Lock Page Number Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
LOCKPR5 LOCKPR4 LOCKPR3 LOCKPR2 LOCKPR1 LOCKPR0
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~6: Not used, set to “0” all the time.
Bits 5~0 (LOCKPR5~ LOCKPR0): Lock Page Number
*IAP Enhanced Protect Lock Address (1step = 128word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com