Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 24Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 25Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 26Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
eKTF6708
8-Bit Microcontroller
18
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bits 7~4: Not used, set to "0" all the time
Bits 3~2 (EIES1~0): external interrupt edge select bit
0: Falling edge interrupt
1: Rising edge interrupt
Bits 1~0: Not used, set to "0" all the time
6.1.11 Bank 0 R10: WUCR1 (Wake-up Control Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
LVDWK
ADWK
INTWK1
INTWK0
-
-
-
-
R/W
R/W
R/W
R/W
-
-
Bits 7~6: Not used, set to “0” all the time
Bit 5 (LVDWK): Low Voltage Detect Wake-up Enable Bit
0: Disable Low Voltage Detect wake-up.
1: Enable Low Voltage Detect wake-up.
Bit 4 (ADWK): A/D Converter Wake-up Function Enable Bit
0: Disable AD converter wake-up
1: Enable AD converter wake-up
When the AD Complete status is used to enter interrupt vector or to wake up IC from
sleep/idle with AD conversion running, the ADWK bit must be set to “enable”.
Bits 3~2 (INTWK1~0): External Interrupt (INT pin) Wake-up Function Enable Bit
0: Disable external interrupt wake-up
1: Enable external interrupt wake-up
When the External Interrupt status changed is used to enter interrupt vector or to wake up
IC from Sleep/Idle, the INTWK bits must be set to “enable”.
Bits 1~0: Not used, set to “0” all the time
6.1.12 Bank 0 R11: WUCR2 (Wake-up Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
SPIWK
I2CWK
-
-
-
-
-
-
R/W
R/W
-
-
Bits 7~4:
Not used. Set to "0" all the time.
Bit 3 (SPIWK): SPI wake-up enable bit. Applicable when SPI works in Slave mode.
0: Disable SPI wake-up
1: Enable SPI wake-up
Bit 2 (I2CWK): I
2C wake-up enable bit. Applicable when I2C works in Slave mode.
0: Disable I
2C wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com