Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 105 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 105 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 102Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 103Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 104Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 105Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 106Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 107Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 108Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 109Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 95
(This specification is subject to change without prior notice)
TKCM = 01, TK1~TK8 Combine
TKCM = 1x, TK1~TK4 Combine
TK5~TK8 Combine
TK1~8
TK1~8
TK idle scan Time
1
st
2
nd
TK1~8
Scan Key
Idle
3
th
TK idle scan Time
TKCM = 00, TKn (TKASCR)
When the touch key scan data is greater than (TKAWBH_L + TKAWR) or less than
(TKAWBH_L – TKAWR), the IC will wake up and TKCIE Interrupt will happen (TKCSF=1).
TKMC=01
Wakeup Base data
Wakeup Range data
Group A
TK1~TK8
TKA1WBH_L
TKA1WR
TKMC=1x
Wakeup Base data
Wakeup Range data
Group A
TK1~TK4
TKA1WBH_L
TKA1WR
TK5~TK8
TKA2WBH_L
TKA2WR
In Idle scan mode, if no wake-up happens after scanning key for (16*TKITO) times, it will
automatically wake up one time and the TKTOSF=1. User can run the normal touch key
scan to check the Touch level or go to Idle again.
If TKITO = 0x00, automatically wake up will not happen.
TK idle scan Time
…...
1
st
2
nd
3
rd
(16 * TKITOR)
th
TKTOSF
*If threshold compare condition dissat isfied and cont inuous (16*TKITO R)
times(Idle with scan mode time out), then TKTOSF=1
TK idle with scan mode
Time out
TKCSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com