Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 112 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 112 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 108Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 109Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 110Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 111Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 112Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 113Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 114Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 115Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 116Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 158 page
background image
eKTF6708
8-Bit Microcontroller
102
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
0
1
2
n-3
n-1 n
1
2
3
Internal clock
Up-counter
n-2
TCx pin
TCx interrupt
0
n
match
counter clear
TCxDA
Figure 6-13b Window Mode Waveform
6.9.3 Capture Mode
8-bit up counter
TCxDB
TCxDA
TC1CR
TCxM2~0
TCx pin
TCxCK
TC1S
4
TCx
interrupt
TCxM2~0=010
Capture
Capture
CAP
Inhibit
Rising
Falling
Overflow
Edge
detector
MUX
Capture
control
fc/2
15
M
fc/2
0
Data Bus
Figure 6-14a Capture Mode Block Diagram
In Capture mode, the pulse width, period and duty of the TCx input pin are measured and
can be used to decode the remote control signal. The counter is free running by the
internal clock. On a rising (falling) edge of TCx pin, the contents of the counter are loaded
into TCxDA, then the counter is cleared and interrupt is generated. On a falling (rising)
edge of TC1 pin, the contents of the counter are loaded into TCxDB. At this time, the
counter is still counting. Once the next rising edge of TCx pin is triggered, the contents of
the counter are loaded into TCxDA, the counter is cleared and interrupt is generated once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com