Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD5016 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 15Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 16Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 17Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 18Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 19Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 20Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 21Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 22Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 15
(This specification is subject to change without prior notice)
Bit 3 (INT2 / INT3):
External INT2 and INT3 pins interrupt flag. Set by a falling edge
on the /INT2 and /INT3 pins, reset by software.
It can be used when Port 72 or Port 73 is set to input port.
Bit 2 (INT1): External INT1 pin interrupt flag. Set by a falling edge on /INT pin, reset by
software.
It can be used when Port 71 is set to input port.
Bit 1 (INT0): External INT0 pin interrupt flag. Set by a falling edge on /INT pin, reset by
software.
It can be used when Port 70 is set to input port.
Bit 0 (TCIF): TCC Timer Overflow Interrupt Flag. It will be set when TCC timer
overflows, reset by software.
INT0 ~ INT3 interrupts are edge triggering (falling edge or rising edge) which can be set
by CONT Bit 7 (INT_EDGE). Also, see corresponding interrupt mask in IOCF register.
User can read and clear.
RF can be cleared by instruction but cannot be set.
NOTE
The result of reading RF is the "Logic AND" of RF and IOCF.
5.1.17 R10 ~ R3F
R10 ~ R3F (Banks 0~3) are all general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com