Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD5016 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
eLD5016
8-Bit Microcontroller
28
Product Specification (V1.0) 2.16.2017
(This specification is subject to change without prior notice)
5.6 Interrupt
The MCU has internal interrupts which are falling edge triggered, as follows: TCC timer
overflow interrupt (internal), two 8-bit counters overflow interrupt.
If these interrupt sources change signal from high to low, the RF register will generate
'1' flag to the corresponding register if IOCF register is enabled.
RF is the interrupt status register which records the interrupt request in flag bit. IOCF is
the interrupt mask register. Global interrupt is enabled by ENI instruction and is
disabled by DISI instruction. When one of the interrupts (when enabled) is generated, it
will cause the next instruction to be fetched from Address 008H. Once in the interrupt
service routine, the source of the interrupt can be determined by polling the flag bits in
the RF register. The interrupt flag bit must be cleared in the software before leaving the
interrupt service routine and enabling interrupts to avoid recursive interrupts.
There are four external interrupt pins including INT0, INT1, INT2, and INT3. And four
internal counter interrupts available.
Signals of external interrupt INT0, INT1, INT2, and INT3 are from Port 7 Bit 0 to Bit 3. If
IOCF is enabled, these signals will cause an interrupt, or these signals will be treated
as general input data.
After reset, the next instruction will be fetched from Address 000H, the Instruction
Interrupt is 001H and the Hardware Interrupt is 008H.
TCC will go to Address 0x08 in Green mode or Normal mode after time out.
These two cases will set the RF flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com