Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD5016 Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 27Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 28Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 29Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 30Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 31Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 32Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 33Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 34Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 27
(This specification is subject to change without prior notice)
R5 Page 0 = "xxxx0000"
R5 Page1 =
”00000000” IOC5 Page 0 = "11110000" IOC5 Page1 = "00000000"
R6 = Port
IOC6 Page 0 = "11111111"
R7 = Port
IOC7 Page 0 = "11111111"
IOC7 Page1 = "00000000"
R8 = "0000xxxx"
IOC8 Page 0 = "00001111"
IOC8 Page1 = "00000000"
R9 = "xx000000"
IOC9 Page 0 = "11000000"
IOC9 Page1 = "000xxxxx"
RA = "00000010"
IOCA Page1 = "00000000"
RB = "0000x000"
IOCB Page1 = "00000000"
RC = "00000000"
IOCC Page1 = "00000000"
RD = "xxxxxxxx"
IOCD Page1 = "00000000"
RE = "00000000"
IOCE Page1 = "00000000"
RF = "00000000"
IOCF = "00000000"
The controller can be awakened from Sleep mode (execution of "SLEP" instruction,
named as Sleep mode) by (1) WDT time-out (if enabled) (2) external input at Port 9.
After the CPU wakes-up, user should control the Watchdog in case of reset in Green
mode or Normal mode. These two cases will set an RF flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com