Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD5016 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # ELD5016
Description  8-BIT Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

ELD5016 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button ELD5016 Datasheet HTML 5Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 6Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 7Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 8Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 9Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 10Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 11Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 12Page - ELAN Microelectronics Corp ELD5016 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
eLD5016
8-Bit Microcontroller
Product Specification (V1.0) 2.16.2017
 5
(This specification is subject to change without prior notice)
5.1 Operational Registers
5.1.1 R0 (IndA: Indirect Addressing Register)
R0 is not a physically implemented register. It is useful as an indirect addressing
pointer. Any instruction using R0 as register actually accesses data pointed by the
RAM Select Register (R4).
Example:
MOV
A, @0x20
; store an address at R4 for indirect addressing
MOV
0x04, A
MOV
A, @0xAA
; write data 0xAA to R20 at Bank0 through R0
MOV
0x00, A
5.1.2 R1 (TCCD: TCC Data)
Increased by the instruction cycle clock.
Writable and readable by the program as any other register.
Defined by PAB (CONT-3) reset.
The prescaler is assigned to TCC, if the PAB bit (CONT-3) is reset.
The contents of the prescaler counter will be cleared only when the TCC register is
written with a value.
5.1.3 R2 (PC: Program Counter and Stack)
Depending on the device type, R2 and hardware stack are 10-bit wide. The
structure is depicted in the following figure.
PC
A13 A12 A11 A10
A9 A8
A7~A0
0000
PAGE0 0000~03FF
0001
PAGE1 0400~07FF
1111 PAGE15 3C00~3FFF
0010
PAGE2 0800~0BFF
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
Stack 6
Stack 7
Stack 8
CALL
RET
RETL
RETI
1110 PAGE14 3800~3BFF
Figure 5-3 Program Counter Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com