Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB22 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP47CVB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 Datasheet(HTML) 2 Page - Microchip Technology

  MCP47CVB22 Datasheet HTML 1Page - Microchip Technology MCP47CVB22 Datasheet HTML 2Page - Microchip Technology MCP47CVB22 Datasheet HTML 3Page - Microchip Technology MCP47CVB22 Datasheet HTML 4Page - Microchip Technology MCP47CVB22 Datasheet HTML 5Page - Microchip Technology MCP47CVB22 Datasheet HTML 6Page - Microchip Technology MCP47CVB22 Datasheet HTML 7Page - Microchip Technology MCP47CVB22 Datasheet HTML 8Page - Microchip Technology MCP47CVB22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
MCP47CXBXX
DS20006089B-page 2
 2018-2019 Microchip Technology Inc.
General Description
The MCP47CXBXX devices are single and dual
channel 8-bit, 10-bit and 12-bit buffered voltage output
Digital-to-Analog Converters (DAC) with volatile or
MTP memory, and an I2C serial interface.
The MTP memory can be written by the user up to
32 times for each specific register. It requires a high-
voltage level on the HVC pin, typically 7.5V, in order to
successfully program the desired memory location.
The nonvolatile memory includes power-up output
values, device Configuration registers and general
purpose memory.
The VREF pin, the device VDD or the internal band gap
voltage can be selected as the DAC’s reference
voltage. When VDD is selected, VDD is internally
connected to the DAC reference circuit.
When the VREF pin is used with an external voltage
reference, the user can select between a gain of 1 or 2
and can have the reference buffer enabled or disabled.
When the gain is 2, the VREF pin voltage should be
limited to a maximum of VDD/2.
These devices have a two-wire I2C compatible serial
interface for Standard (100 kHz), Fast (400 kHz) or
High-Speed (1.7 MHz and 3.4 MHz) modes.
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low-Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
MCP47CMBX1 Block Diagram (Single-Channel Output)
VDD
VSS
Memory
SDA
SCL
VREF1:VREF0
A0
A1
VOUT0
VDD
PD1:PD0
VREF1:VREF0
OP AMP
ADDR6:ADDR0
PD1:PD0 and
VREF1:VREF0
DAC0
VREF
POWER-DOWN
GAIN
STATUS
DAC0
VREF
POWER-DOWN
GAIN/I2C ADDRESS
WiperLock™
VOLATILE (4x16)
NONVOLATILE (13x16)
Band Gap
1.214V
VDD
VIHH
LAT0
VBG
LAT/HVC
VREF0
Power-up/Brown-out Control
I2C Serial Interface Module
and Control Logic
(WiperLock™ Technology)
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com