Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB22 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP47CVB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP47CVB22 Datasheet HTML 3Page - Microchip Technology MCP47CVB22 Datasheet HTML 4Page - Microchip Technology MCP47CVB22 Datasheet HTML 5Page - Microchip Technology MCP47CVB22 Datasheet HTML 6Page - Microchip Technology MCP47CVB22 Datasheet HTML 7Page - Microchip Technology MCP47CVB22 Datasheet HTML 8Page - Microchip Technology MCP47CVB22 Datasheet HTML 9Page - Microchip Technology MCP47CVB22 Datasheet HTML 10Page - Microchip Technology MCP47CVB22 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 7
MCP47CXBXX
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ. Max. Units
Conditions
Supply Current
IDD
—
—
230
µA
Single 100 kHz(2) Serial interface active,
VRxB:VRxA = 10(4),
VOUT is unloaded,
VREF =VDD =5.5V,
Volatile DAC register = Mid-Scale
——
310
400 kHz
——
460
1.7 MHz(2)
——
620
3.4 MHz(2)
—
—
330
Dual
100 kHz(2)
——
410
400 kHz
——
560
1.7 MHz(2)
——
720
3.4 MHz(2)
—
—
160
Single Serial interface inactive, VRxB:VRxA = 10,
VOUT is unloaded, VREF =VDD =5.5V,
Volatile DAC register = Mid-Scale
—
—
280
Dual
LAT/HVC Pin
Write Current(2)
IDD(MTP_WR)
—
—
6.40
mA
—
Serial interface inactive (MTP write active),
VRxB:VRxA = 10 (valid for all modes),
VDD =5.5V, LAT/HVC = VIHH,
write all ‘1’s to nonvolatile DAC0,
VOUT pins are unloaded
Power-Down
Current
IDDP
—
0.65
3.80
µA
—
PDxB:PDxA = 01(5), VRxB:VRxA = 10,
VOUT not connected
Note 2 This parameter is ensured by characterization.
Note 4 Supply current is independent of current through the resistor ladder in mode VRxB:VRxA = 10.
Note 5 The PDxB:PDxA = 01, 10 and 11 configurations should have the same current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com