Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB22 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP47CVB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP47CVB22 Datasheet HTML 66Page - Microchip Technology MCP47CVB22 Datasheet HTML 67Page - Microchip Technology MCP47CVB22 Datasheet HTML 68Page - Microchip Technology MCP47CVB22 Datasheet HTML 69Page - Microchip Technology MCP47CVB22 Datasheet HTML 70Page - Microchip Technology MCP47CVB22 Datasheet HTML 71Page - Microchip Technology MCP47CVB22 Datasheet HTML 72Page - Microchip Technology MCP47CVB22 Datasheet HTML 73Page - Microchip Technology MCP47CVB22 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
MCP47CXBXX
DS20006089B-page 70
 2018-2019 Microchip Technology Inc.
6.7
Device I2C Slave Addressing
The address byte is the first byte received following the
Start (or Repeated Start) condition from the Master device
(see Figure 6-2). For nonvolatile devices, the seven bits of
the I2C Slave address are user-programmable. The
default address is ‘110 0000’. If the address pins are
present on the specific package, the lower two bits of
the address are determined by the state of the A1 and
A0 pins.
For volatile devices (MCP47CVBXX), the I2C Slave
address bits, A6:A0, are fixed (‘110 0000’). The user
still has Slave address programmability with the A1:A0
address pins (if available on the package).
FIGURE 6-2:
Slave Address Bits in the
I2C Control Byte.
Table 6-1 shows the four standard orderable I2C Slave
addresses and their respective device order codes.
6.7.1
CUSTOM I2C SLAVE ADDRESS
OPTIONS
Custom I2C Slave address options can be requested.
Users can request the custom I2C Slave address via
the Nonstandard Customer Authorization Request
(NSCAR) process.
6.8
Slope Control
The slope control on the SDA output is different
between the Fast/Standard Speed and the High-Speed
Clock modes of the interface.
6.9
Pulse Gobbler
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes <10 ns during HS mode.
Note:
Address bits, A6:A0, are MTP and can
be programmed
during
the
user’s
manufacturing flow.
Start Bit
Read/Write Bit
Address Byte
R/W ACK
Acknowledge Bit
Slave Address
A6 A5 A4 A3
Slave Address (7 bits)
A2 A1 A0
11
0
0
00
0
Default
Factory
Address
(Note 1)
Note 1:
Address bits (A6:A0) can be
programmed by the user
(MCP47CMBXX devices). Bits A1 and
A0 are determined by either the MTP
bits or the A0 and A1 pin values if
present on the package.
TABLE 6-1:
I2C ADDRESS/ORDER CODE
Default
7-Bit I2C
Address
Device Order
Code(1)
Memory
Tape
and
Reel
VOL
NV
‘1100000’
MCP47CXBXX-E/XX
Y
Y
N
MCP47CXBXXT-E/XX
Y
Y
Y
Note 1:
Nonvolatile devices’ I2C Slave address can
be reprogrammed by the end user.
Note:
Non-Recurring Engineering (NRE) charges
and minimum ordering requirements for
custom orders. Please contact Microchip
sales for additional information.
A custom device will be assigned custom
device marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com