Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB22 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP47CVB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP47CVB22 Datasheet HTML 45Page - Microchip Technology MCP47CVB22 Datasheet HTML 46Page - Microchip Technology MCP47CVB22 Datasheet HTML 47Page - Microchip Technology MCP47CVB22 Datasheet HTML 48Page - Microchip Technology MCP47CVB22 Datasheet HTML 49Page - Microchip Technology MCP47CVB22 Datasheet HTML 50Page - Microchip Technology MCP47CVB22 Datasheet HTML 51Page - Microchip Technology MCP47CVB22 Datasheet HTML 52Page - Microchip Technology MCP47CVB22 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 49
MCP47CXBXX
4.1.2
BROWN-OUT RESET
A Brown-out Reset occurs when a device had power
applied to it and that power (voltage) drops below the
specified range.
When the falling VDD voltage crosses the VPOR trip
point (BOR event), the following occurs:
• Serial interface is disabled.
• MTP writes are disabled.
• Device is forced into a power-down state
(PDxB:PDxA = 11). Analog circuitry is turned off.
• Volatile DAC register is forced to 000h.
Volatile Configuration bits, VRxB:VRxA and Gx, are
forced to ‘0’.
If the VDD voltage decreases below the VRAM voltage,
all volatile memory may become corrupted.
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset” for further details.
Serial commands not completed due to a brown-out
condition may cause the memory location to become
corrupted.
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
4.2
Device Memory
User memory includes the following types:
• Volatile Register Memory (RAM)
• Nonvolatile Register Memory (MTP)
MTP memory is present just for the MCP47CMBXX
devices and has three groupings:
• NV DAC Output Values (loaded on POR event)
• Device Configuration Memory
• General Purpose NV Memory
Each memory location is up to 16 bits wide. The
memory-mapped register space is shown in Table 4-1.
The I2C interface depends on how this memory is read
and written. Refer to Section 6.0 “I2C Serial Interface
Module” and Section 7.0 “Device Commands” for
more details on reading and writing the device’s
memory.
4.2.1
VOLATILE REGISTER MEMORY
(RAM)
The MCP47CXBXX devices have volatile memory to
directly control the operation of the DACs. There are
up to five volatile memory locations:
• DAC0 and DAC1 Output Value registers
• VREF Select register
• Power-Down Configuration register
• Gain and Status register
The volatile memory starts functioning when the
device VDD is at (or above) the RAM retention voltage
(VRAM). The volatile memory will be loaded with the
default device values when the VDD rises across the
VPOR/VBOR voltage trip point.
After the device is powered-up, the user can update the
device memory. Table 4-2 shows the volatile memory
locations and their interaction due to a POR event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com