| Electronic Components Datasheet Search |
|
MCS11 Datasheet(PDF) 45 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
MCS11 Datasheet(HTML) 45 Page - PADAUK Technology. |
|
45 / 108 page ![]() MCS11 ADC-Type Enhanced FPPA TM Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 45 of 108 PDK-DS-MCS11_v020 – Apr. 20, 2018 5-12-3. Wake-up After entering the Power-Down or Power-Save modes, the MCS11 can be resumed to normal operation by toggling IO pins, Timer16 interrupt is available for Power-Save mode ONLY. Fig. 5-12-2 shows the differences in wake-up sources between STOPSYS and STOPEXE. Differences in wake-up sources between STOPSYS and STOPEXE IO Toggle T16 Interrupt STOPSYS Yes No STOPEXE Yes Yes Fig. 5-12-2 Differences in wake-up sources between Power-Save mode and Power-Down mode When using the IO pins to wake-up the MCS11, registers padier and pbdier should be properly set to enable the wake-up function for every corresponding pin. The wake-up time for normal wake-up is about 1024 ILRC clocks counting from wake-up event; fast wake-up can be selected to reduce the wake-up time by misc register. For fast wake-up mechanism, the wake-up time is 128 system clocks from IO toggling if STOPEXE was issued, and 128 system clocks plus oscillator (IHRC or ILRC) stable time from IO toggling if STOPSYS was issued. The oscillator stable time is the time for IHRC or ILRC oscillator from power-on, depending on which oscillator is used as system clock source. Please notice that there is no fast wake-up mode whenever EOSC is enabled. Suspend mode wake-up mode system clock source wake-up time (tWUP) from IO toggle STOPEXE suspend fast wake-up IHRC or ILRC 128 * TSYS, Where TSYS is the time period of system clock STOPSYS suspend fast wake-up IHRC 128 TSYS + TSIHRC; Where TSIHRC is the stable time of IHRC from power-on. STOPSYS suspend fast wake-up ILRC 128 TSYS + TSILRC; Where TSILRC is the stable time of ILRC from power-on. STOPSYS or STOPEXE suspend fast wake-up EOSC 1024 * TILRC, Where TILRC is the clock period of ILRC STOPEXE suspend normal wake-up Any one 1024 * TILRC, Where TILRC is the clock period of ILRC STOPSYS suspend normal wake-up Any one 1024 * TILRC, Where TILRC is the clock period of ILRC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |