Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS11 Datasheet(PDF) 65 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 65 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 61Page - PADAUK Technology. MCS11 Datasheet HTML 62Page - PADAUK Technology. MCS11 Datasheet HTML 63Page - PADAUK Technology. MCS11 Datasheet HTML 64Page - PADAUK Technology. MCS11 Datasheet HTML 65Page - PADAUK Technology. MCS11 Datasheet HTML 66Page - PADAUK Technology. MCS11 Datasheet HTML 67Page - PADAUK Technology. MCS11 Datasheet HTML 68Page - PADAUK Technology. MCS11 Datasheet HTML 69Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 65 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-4. Clock Mode Register (clkmd), IO address = 0x03
Bit
Reset R/W
Description
7 – 5
111
R/W
System clock selection:
Type 0, clkmd[3]=0
Type 1, clkmd[3]=1
000: IHRC/4
001: IHRC/2
010: reserved
011: EOSC/4
100: EOSC/2
101: EOSC
110: ILRC/4
111: ILRC (default)
000: IHRC/16
001: IHRC/8
010: reserved
011: IHRC/32
100: IHRC/64
101: EOSC/8
11x: reserved
4
1
R/W IHRC oscillator Enable. 0 / 1: disable / enable
3
0
RW
Clock Type Select. This bit is used to select the clock type in bit [7:5].
0 / 1: Type 0 / Type 1.
2
1
R/W ILRC Enable. 0 / 1: disable / enable
1
1
R/W Watch Dog Enable. 0 / 1: disable / enable
0
0
R/W Pin PA5/RESET# function. 0 / 1: PA5 / RESET#.
6-5 Register Option Register (rop), IO address = 0x3e
Bit
Reset
R/W
Description
7 – 4
-
-
Reserved.
3
0
WO
PWMG resolution selection
0: 11-bit
1: 10-bit
2
0
WO
Option for Timer16 clock pre-divider selection. Please see the t16m register.
1
0
WO
Option for external interrupt 1 pin selection.
0
0
WO
Option for external interrupt 0 pin selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com