Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D27 Datasheet(PDF) 40 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 40 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 36Page - Microchip Technology SAMA5D27 Datasheet HTML 37Page - Microchip Technology SAMA5D27 Datasheet HTML 38Page - Microchip Technology SAMA5D27 Datasheet HTML 39Page - Microchip Technology SAMA5D27 Datasheet HTML 40Page - Microchip Technology SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology SAMA5D27 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
For details of the Boot sequence, refer to the "NVM Bootloader Program Description for MRL C Parts" diagram of the
SAMA5D2 data sheet, document no. DS60001476.
The table below provides the list of external memory types and interfaces that may be used to boot the SAMA5D27
SOM1:
Table 7-1. External Memory Connections
Memory Type
Interface
PIO
Comments
SDCard
SDMMC0
PA0 to PA13
If external SDMMC0 interface is not used, bit
SDMMC_0 in Boot Configuration Word must be
set to 1.
SDMMC1
PA18 to PA22, PA27 to
PA30
If external SDMMC1 Interface is not used, bit
SDMMC_1 in Boot Configuration Word must be
set to 1.
eMMC
SDMMC0
PA0 to PA10, PA13
If external SDMMC0 Interface is not used, bit
SDMMC_0 in Boot Configuration Word must be
set to 1.
SDMMC1
PA18 to PA22, PA27,
PA30
If external SDMMC0 interface is not used, bit
SDMMC_1 in Boot Configuration Word must be
set to 1.
NAND Flash
NFC
PA0 to PA12
Field NFC in Boot Configuration Word must be
set to "01". IOSET2 is selected. (See Notes below)
PA22 to PA31, PB0 to
PB2, PC8
Field NFC in Boot Configuration Word must be
set to "00". IOSET1 is selected. (See Notes below)
QSPI Flash
QSPI0
PA0 to PA5
Field QSPI_0 in Boot Configuration Word must
be set to "00". IOSET1 is selected. (See Notes
below)
PA14 to PA19
Field QSPI_0 in Boot Configuration Word must
be set to "01". IOSET2 is selected. (See Notes
below)
PA22 to PA27
Field QSPI_0 in Boot Configuration Word must
be set to "10". IOSET3 is selected. (See Notes
below)
QSPI1
PB5 to PB10
Need to tie DIS-BOOT pin to GND. Bits QSPI_1 in
Boot Configuration Word must be set to "01".
IOSET2 is selected. (See Notes below)
SPI Flash
SPI0
PA14 to PA17
Bits SPI_0 in Boot Configuration Word must be
set to "00". IOSET1 is selected. (See Notes below)
PA30, PA31, PB0, PB1
Bits SPI_0 in Boot Configuration Word must be
set to "01". IOSET2 is selected. (See Notes below)
SPI1
PA22 to PA25
Bits SPI_1 in Boot Configuration Word must be
set to "01". IOSET2 is selected. (See Notes below)
PC1 to PC4
Bits SPI_1 in Boot Configuration Word must be
set to "00". IOSET1 is selected. (See Notes below)
Note:  For these external memory configurations, set the EXT_MEM_BOOT_ENABLE bit to "1" in Boot
Configuration Word.
Note:  The Boot Configuration Word allows several customizations of the boot sequence. For details, refer to the
section "Boot Configuration" in the SAMA5D2 Data Sheet, document no. DS60001476.
SAMA5D27 SOM1
Booting Guidelines
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com