Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D27 Datasheet(PDF) 43 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 43 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 39Page - Microchip Technology SAMA5D27 Datasheet HTML 40Page - Microchip Technology SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology SAMA5D27 Datasheet HTML 44Page - Microchip Technology SAMA5D27 Datasheet HTML 45Page - Microchip Technology SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
...........continued
Pad
Parameters
Conditions
Min.
Typ.
Max.
VDDISC
DC Supply
ISC I/Os Lines
1.65V
3.3V
3.6V
Maximum Input
Current
–
–
–
30mA
9.3
DC Electrical Characteristics
9.3.1
Standard Interfaces
The following characteristics are applicable to the operating temperature range TA = -40°C to +85°C, unless
otherwise specified.
Table 9-3. DC Electrical Characteristicsfor GPIO Inputs
Pad
Parameters
Conditions
Min.
Typ.
Max.
VIL
Low-level Input
Voltage
All GPIO @ 3.3V
-0.3V
–
0.4V
VIH
High-level Input
Voltage
All GPIO @ 3.3V
2.3V
–
3.6V
VOL
Low-level Output
Voltage
IO Max.
–
–
0.41V
VOH
High-level Output
Voltage
IO Max.
2.9V
–
--
IIL
Low-level Input
Current
All GPIO @ 3.3V
-1µA
–
1µA
IIH
High-level Input
Current
All GPIO @ 3.3V
-1µA
–
1µA
IOL
Low-level Output
Current
All GPIO @ 3.3V / Low
-2mA
–
--
All GPIO @ 3.3V / High
-32mA
–
--
IOH
High-level Output
Current
All GPIO @ 3.3V / Low
–
–
2mA
All GPIO @ 3.3V / High
–
–
32mA
RPULLUP
Pull-up Resistors
All GPIO @ 3.3V and PDxx in AD
mode.
280kΩ
380kΩ
480kΩ
All IOs in GPIO mode @3.3V.
40kΩ
66kΩ
130kΩ
RPULLDOWN
Pull-down Resistors
All GPIO @ 3.3V and PDxx in AD
mode
280 kΩ
380kΩ
480kΩ
All IOs in GPIO mode @3.3V.
40kΩ
77kΩ
160kΩ
Note:  This table applies to all the following pads: PA0–PA31, PB0–PB31, PC0–PC31, PD0–PD8, PD19-PD30.
9.3.2
Other PIOs
The following characteristics are applicable to the operating temperature range TA = -40°C to +85°C, unless
otherwise specified.
SAMA5D27 SOM1
Electrical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com