Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D27 Datasheet(PDF) 50 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 50 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology SAMA5D27 Datasheet HTML 48Page - Microchip Technology SAMA5D27 Datasheet HTML 49Page - Microchip Technology SAMA5D27 Datasheet HTML 50Page - Microchip Technology SAMA5D27 Datasheet HTML 51Page - Microchip Technology SAMA5D27 Datasheet HTML 52Page - Microchip Technology SAMA5D27 Datasheet HTML 53Page - Microchip Technology SAMA5D27 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
12.
Ordering Information
Table 12-1. Ordering Information
Ordering Code
Version
Package
Carrier Type
Operating Temperature
Range
ATSAMA5D27-SOM1
1
176-pin 38x40mm
Tray
-40°C to +85°C
SAMA5D27 SOM1
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com