Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D27 Datasheet(PDF) 45 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 45 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology SAMA5D27 Datasheet HTML 44Page - Microchip Technology SAMA5D27 Datasheet HTML 45Page - Microchip Technology SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology SAMA5D27 Datasheet HTML 48Page - Microchip Technology SAMA5D27 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
10.
Mechanical Characteristics
10.1
Module Dimensions
The SAMA5D27 SOM1 has dimensions of 40mm x 38mm with specific mechanical characteristics listed below.
Figure 10-1. System-On-Module Dimensions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
130
129
128
(TP1)
(TP2)
(TP7)
(TP9)
(TP10)
(TP5)
(TP6)
(TP4)
(TP3)
(TP8)
177
178
179
180
181
184
183
185
186
182
PIN 1 CORNER
E1
E2
S
A1
P1b
aaa
P2
f f
f f x n
E
e
B
P2Eb
P2Ea
jjj
jjj x m
Pads :
Body :
Pads Pitch :
176
40 x 38 x 2.80
0.8
A11
SAMA5D27-SOM1_POD
02/05/2017
SAMA5D27-SOM1 DIMENSIONS
Drawn by : RC R
Units:
mm
P1t
aaa
P2
f f
n x
4
31
41
91
8
9
25
26
27
Table 10-1. System-On-Module Dimensions
Symbol
Common Dimensions
Comments
Min.
Typ.
Max.
Body Size
X
E
--
40.000
40.100
–
Y
D
--
38.000
38.100
–
Pad Pitch
e
--
0.800
--
–
PCB Thickness
S
1.150
1.200
1.250
–
Total Thickness
A1
--
2.750
2.800
–
PCB Angle Hole Diameter(1)
B
–
0.200
–
–
Pad Length(1)
Bottom Side
P1b
–
1.500
–
–
Top Side
P1t
–
0.800
–
–
SAMA5D27 SOM1
Mechanical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com