Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PL08
Description  Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL08 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PL08 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
http://www.prewell.com
2
Low Noise Amplifier
SJM PREWELL
PL08
Products and product information are subject to change without notice. Version 16
-2
0
2
4
6
8
20
24
28
32
36
40
44
Frequency (MHz)
OIP3 @ 900MHz
OIP3 @ 1900MHz
OIP3 @ 2140MHz
OIP3 @ 2600MHz
0.80
0.82
0.84
0.86
0.88
0.90
14
16
18
20
22
24
26
Frequency (GHz)
25°C
-40°C
85°C
0.80
0.82
0.84
0.86
0.88
0.90
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
0.80
0.82
0.84
0.86
0.88
0.90
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
0.80
0.82
0.84
0.86
0.88
0.90
24
26
28
30
32
34
36
Frequency (GHz)
25°C
-40°C
85°C
0.80
0.82
0.84
0.86
0.88
0.90
10
12
14
16
18
20
22
Frequency (GHz)
25°C
-40°C
85°C
800 MHz
– 900 MHz Application Circuit (3V / 45mA)
Gain Vs. Frequency
Input Return Loss
Output Return Loss
P1dB vs. Frequency
OIP3 vs. Frequency
Parameters
Units
Frequency (MHz)
800
900
S21
dB
20.9
20.2
S11
dB
-14
-19
S22
dB
-16
-19
P1dB
dBm
18.0
17.9
OIP3 @ 3dBm
dBm
32.4
32.4
NF
dB
0.79
0.81
OIP3 vs. Output Power
RF IN
RF OUT
100pF
100pF
33nH
100pF
1uF
Vdd
10nH
1.8pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com