Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PL08
Description  Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL08 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PL08 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.prewell.com
1
Low Noise Amplifier
SJM PREWELL
PL08
Products and product information are subject to change without notice. Version 16
Description
The PL08 is a high performance GaAs p-HEMT LNA (Low Noise
Amplifier). The features of PL08 are high linear performance, low
noise figure, low power consumption and high reliability. The PL08
can be easily matched to obtain optimum noise figure and linearity.
The PL08 operates from a single 3 voltage supply and has an
internal active bias. This PL08 provides the most suitable solutions
for LNA in communication systems. All devices are 100% RF and
DC tested.
Specifications
1) Test Conditions : T=25°C, Supply Voltage=3V, 50ohm System
2) OIP3 measured with two tones at an output power of 3dBm/tone separated by 1MHz.
3) Noise figure shown in the table above is de-embedded to the device pins
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Voltage
4
V
Device Current
55
mA
RF Power Input
30
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
Junction Temperature
185
°C
Parameter
Units
Frequency (MHz)
900
1900
2140
2600
S21
dB
20.2
14.9
14.2
11.9
S11
dB
-19
-17
-23
-17
S22
dB
-19
-13
-14
-15
P1dB
dBm
17.9
17.7
17.5
18.1
OIP3
dBm
32.4
35.5
34.1
34.8
NF
dB
0.81
0.89
0.93
1.1
V / I
V/mA
3 / 45
Rth
°C/W
40
Features
• 100 to 3000MHz
• Gain 20.2dB @ 900MHz
• P1dB 18.1dBm @ 2600MHz
• OIP3 34.1dBm @ 2140MHz
• NF 0.9dB @ 900MHz
• Lead-free / Green /
compliant SOT-363 Package
Applications
• Base station / Repeater / Mobile
/ Automotive / Military
– FDD-LTE, TD-LTE, TDS-CDMA,
CDMA, WCDMA,WiMAX, PCS, GSM,
GPS, GPRS, TETRA
• IoT / Broadcasting / WLAN
– FM, DMB, DVB, ISM
Functional Diagram
RF IN
GND
3
1,2,4,5
RF OUT /
Bias
6
ESD/MSL
1 ESD sensitive device. Observe
handling precautions.
2 HBM: Class 0B , JESD22-A114
3 CDM: Class C3 , JESD22-
C101F
4 MSL 3, J-STD-020
1) Stresses above the maximum values listed have may cause permanent damage to the device.
2) MTTF is more than 100 years.
3
6
1
4
2
5


Similar Part No. - PL08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL08 OMRON-PL08 Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PL08 OMRON-PL08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
PL08 OMRON-PL08 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PL08 OMRON-PL08 Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
PL08-Q OMRON-PL08-Q Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
More results

Similar Description - PL08

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com