Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 5 Page - SJM Prewell. All Rights Reserved.

Part # PL08
Description  Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL08 Datasheet(HTML) 5 Page - SJM Prewell. All Rights Reserved.

  PL08 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
http://www.prewell.com
5
Low Noise Amplifier
SJM PREWELL
PL08
Products and product information are subject to change without notice. Version 16
0.90
0.92
0.94
0.96
0.98
1.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
25°C
0.90
0.92
0.94
0.96
0.98
1.00
12
14
16
18
20
22
24
Frequency (GHz)
25°C
-40°C
85°C
0.90
0.92
0.94
0.96
0.98
1.00
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
0.90
0.92
0.94
0.96
0.98
1.00
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
0.90
0.92
0.94
0.96
0.98
1.00
24
26
28
30
32
34
36
Frequency (GHz)
25°C
-40°C
85°C
0.90
0.92
0.94
0.96
0.98
1.00
10
12
14
16
18
20
22
Frequency (GHz)
25°C
-40°C
85°C
Parameters
Units
Frequency (MHz)
900
1000
S21
dB
20.3
19.6
S11
dB
-15
-21
S22
dB
-15
-17
P1dB
dBm
18.0
17.9
OIP3 @ 3dBm
dBm
31.8
31.9
NF
dB
0.8
0.85
900 MHz
– 1000 MHz Application Circuit (3V / 45mA)
Gain Vs. Frequency
Input Return Loss
Output Return Loss
P1dB vs. Frequency
OIP3 vs. Frequency
NF vs. Frequency
RF IN
RF OUT
100pF
100pF
33nH
100pF
1uF
Vdd
8.2nH
1.8pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com