Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PL08
Description  Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL08 Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PL08 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL08 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
http://www.prewell.com
3
Low Noise Amplifier
SJM PREWELL
PL08
Products and product information are subject to change without notice. Version 16
0.80
0.82
0.84
0.86
0.88
0.90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
25°C
0
3
6
9
12
-60
-55
-50
-45
-40
-35
-30
-25
Output Power (dBm)
25°C
-40°C
85°C
0
3
6
9
12
-60
-55
-50
-45
-40
-35
-30
Output Power (dBm)
25°C
-40°C
85°C
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
0
1
2
3
4
5
0
15
30
45
60
75
90
Vd (V)
25°C
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
Output Power / Gain vs. Input Power @ 900MHz
Output Power / Gain vs. Input Power @ 1900MHz
Id vs. Vd
Output Power / Gain vs. Input Power @ 2140MHz
Output Power / Gain vs. Input Power @ 2600MHz
WCDMA ACLR vs. Output Power @ 1850MHz
3GPP WCDMA 6FA, Test Model5, 5MHz offset
WCDMA ACLR vs. Output Power @ 2140MHz
3GPP WCDMA 6FA, Test Model5, 5MHz offset
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com