Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS3DHHC Datasheet(PDF) 12 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IIS3DHHC Datasheet HTML 8Page - STMicroelectronics IIS3DHHC Datasheet HTML 9Page - STMicroelectronics IIS3DHHC Datasheet HTML 10Page - STMicroelectronics IIS3DHHC Datasheet HTML 11Page - STMicroelectronics IIS3DHHC Datasheet HTML 12Page - STMicroelectronics IIS3DHHC Datasheet HTML 13Page - STMicroelectronics IIS3DHHC Datasheet HTML 14Page - STMicroelectronics IIS3DHHC Datasheet HTML 15Page - STMicroelectronics IIS3DHHC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
5.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh) (FMODE [2:0] = 001) data from the output channels are stored in the FIFO
memory until it is full, when 32 unread samples are stored in memory, data collecting is stopped.
To reset FIFO content, Bypass mode should be selected by writing FIFO_CTRL (2Eh) (FMODE [2:0]) to '000'.
After this reset command, it is possible to restart FIFO mode, writing FIFO_CTRL (2Eh) (FMODE [2:0]) to '001'.
A FIFO threshold interrupt can be enabled (INT1_OVR bit in INT1_CTRL (21h) or INT2_OVR bit in INT2_CTRL
(22h)) in order to be raised when the FIFO is filled to the level specified by the FTH[4:0] bits of FIFO_CTRL (2Eh).
Figure 10. FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
IIS3DHHC
FIFO mode
DS12292 - Rev 3
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com