Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS3DHHC Datasheet(PDF) 26 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button IIS3DHHC Datasheet HTML 22Page - STMicroelectronics IIS3DHHC Datasheet HTML 23Page - STMicroelectronics IIS3DHHC Datasheet HTML 24Page - STMicroelectronics IIS3DHHC Datasheet HTML 25Page - STMicroelectronics IIS3DHHC Datasheet HTML 26Page - STMicroelectronics IIS3DHHC Datasheet HTML 27Page - STMicroelectronics IIS3DHHC Datasheet HTML 28Page - STMicroelectronics IIS3DHHC Datasheet HTML 29Page - STMicroelectronics IIS3DHHC Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Contents
1
Pin description ....................................................................2
2
Mechanical and electrical specifications ...........................................3
2.1
Mechanical characteristics ....................................................... 3
2.2
Electrical characteristics......................................................... 4
2.2.1
Recommended power-up sequence .......................................... 4
2.3
Temperature sensor characteristics ............................................... 5
3
Absolute maximum ratings ........................................................6
4
Communication interface characteristics...........................................7
4.1
SPI - serial peripheral interface ................................................... 7
4.2
SPI bus interface ............................................................... 8
4.2.1
SPI read ............................................................... 9
4.2.2
SPI write .............................................................. 10
5
FIFO..............................................................................11
5.1
Bypass mode ................................................................. 11
5.2
FIFO mode................................................................... 12
5.3
Continuous mode ............................................................. 13
5.4
Continuous-to-FIFO mode ...................................................... 14
5.5
Bypass-to-Continuous mode .................................................... 15
6
Register mapping.................................................................16
7
Register description ..............................................................17
7.1
CTRL_REG1 (20h) ............................................................ 17
7.2
INT1_CTRL (21h) ............................................................. 18
7.3
INT2_CTRL (22h) ............................................................. 19
7.4
CTRL_REG4 (23h) ............................................................ 19
7.5
CTRL_REG5 (24h) ............................................................ 20
7.6
OUT_TEMP_L (25h), OUT_TEMP_H (26h)........................................ 20
7.7
STATUS (27h) ................................................................ 21
7.8
OUT_X (28h - 29h) ............................................................ 21
7.9
OUT_Y (2Ah - 2Bh)............................................................ 21
IIS3DHHC
Contents
DS12292 - Rev 3
page 26/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com