Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS3DHHC Datasheet(PDF) 23 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button IIS3DHHC Datasheet HTML 19Page - STMicroelectronics IIS3DHHC Datasheet HTML 20Page - STMicroelectronics IIS3DHHC Datasheet HTML 21Page - STMicroelectronics IIS3DHHC Datasheet HTML 22Page - STMicroelectronics IIS3DHHC Datasheet HTML 23Page - STMicroelectronics IIS3DHHC Datasheet HTML 24Page - STMicroelectronics IIS3DHHC Datasheet HTML 25Page - STMicroelectronics IIS3DHHC Datasheet HTML 26Page - STMicroelectronics IIS3DHHC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
7.12
FIFO_SRC (2Fh)
FIFO status register
Table 25. FIFO_SRC register
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
(0: FIFO filling is lower than threshold level; 1: FIFO filling is equal to or higher than the threshold level
OVRN
FIFO overrun status.
(0: FIFO is not completely filled; 1: FIFO is completely filled and at least one sample has been overwritten) For
further details refer to Table 26. FIFO_SRC example: OVR/FSS details.
FSS [5:0]
Number of unread samples stored in FIFO.
(000000: FIFO empty; 100000: FIFO full, 32 unread samples)
For further details refer to Table 26. FIFO_SRC example: OVR/FSS details.
Table 26. FIFO_SRC example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
0
0
0
0
0
0
FIFO empty
-- (1)
0
0
0
0
0
0
1
1 unread sample
...
--(1)
0
1
0
0
0
0
0
32 unread samples
0(1)
1
1
0
0
0
0
0
At least one sample has been overwritten
1. When the number of unread samples in FIFO is equal to or greater than the threshold level set in register FIFO_CTRL
(2Eh), the FTH value is ‘1’.
The FSS is the FIFO stored data level of the unread samples. When it is equal to FTH, all data available in FIFO
are read without additional read operations.
The INT output is high when the number of samples to read is equal to or greater than FTH.
Figure 16. Continuous mode: FTH/FSS details
IIS3DHHC
FIFO_SRC (2Fh)
DS12292 - Rev 3
page 23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com