Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS3DHHC Datasheet(PDF) 13 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IIS3DHHC Datasheet HTML 9Page - STMicroelectronics IIS3DHHC Datasheet HTML 10Page - STMicroelectronics IIS3DHHC Datasheet HTML 11Page - STMicroelectronics IIS3DHHC Datasheet HTML 12Page - STMicroelectronics IIS3DHHC Datasheet HTML 13Page - STMicroelectronics IIS3DHHC Datasheet HTML 14Page - STMicroelectronics IIS3DHHC Datasheet HTML 15Page - STMicroelectronics IIS3DHHC Datasheet HTML 16Page - STMicroelectronics IIS3DHHC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
5.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMODE[2:0] = 110) provides a continuous FIFO update: when 32 unread
samples are stored in memory, as new data arrives the oldest data is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SRC (2Fh)(FTH) is asserted when the number of unread samples in FIFO is greater
than or equal to FIFO_CTRL (2Eh)(FTH4:0).
It is possible to route FIFO_SRC (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH bit to ‘1’ in register
INT1_CTRL (21h) or to the INT2 pin by writing the INT2_FTH bit to ‘1’ in register INT2_CTRL (22h).
A full-flag interrupt can be enabled (INT1_CTRL (21h) (INT_ FSS5)= '1' or INT2_CTRL (22h) (INT_ FSS5) = '1')
when the FIFO becomes saturated and in order to read the contents all at once. If an overrun occurs, the oldest
sample in FIFO is overwritten and the OVRN flag in FIFO_SRC (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of unread samples
available in FIFO_SRC (2Fh) (FSS[5:0]).
Figure 11. Continuous mode
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
IIS3DHHC
Continuous mode
DS12292 - Rev 3
page 13/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com