Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR2001 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 30Page - Analog Devices ADAR2001 Datasheet HTML 31Page - Analog Devices ADAR2001 Datasheet HTML 32Page - Analog Devices ADAR2001 Datasheet HTML 33Page - Analog Devices ADAR2001 Datasheet HTML 34Page - Analog Devices ADAR2001 Datasheet HTML 35Page - Analog Devices ADAR2001 Datasheet HTML 36Page - Analog Devices ADAR2001 Datasheet HTML 37Page - Analog Devices ADAR2001 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 34 of 39
Addr Name
Bits Bit Name
Description
Reset Access
0x06C TX_EN1_MODE_14
7
CH1_RDY_MD14
Transmit Mode 14 Channel 1 Ready Enable
0x1
R/W
6
CH1_ACT_MD14
Transmit Mode 14 Channel 1 Active Enable
0x0
R/W
5
CH2_RDY_MD14
Transmit Mode 14 Channel 2 Ready Enable
0x1
R/W
4
CH2_ACT_MD14
Transmit Mode 14 Channel 2 Active Enable
0x1
R/W
3
CH3_RDY_MD14
Transmit Mode 14 Channel 3 Ready Enable
0x1
R/W
2
CH3_ACT_MD14
Transmit Mode 14 Channel 3 Active Enable
0x1
R/W
1
CH4_RDY_MD14
Transmit Mode 14 Channel 4 Ready Enable
0x1
R/W
0
CH4_ACT_MD14
Transmit Mode 14 Channel 4 Active Enable
0x1
R/W
0x06D TX_EN2_MODE_14
[7:3] RESERVED
Reserved
0x0
R
2
SPLT1_EN_MD14
Transmit Mode 14 Active Splitter 1 Enable
0x1
R/W
1
SPLT12_EN_MD14
Transmit Mode 14 Channel 1 to Channel 2 Active
Splitter Enable
0x1
R/W
0
SPLT34_EN_MD14
Transmit Mode 14 Channel 3 to Channel 4 Active
Splitter Enable
0x1
R/W
0x06E TX_EN1_MODE_15
7
CH1_RDY_MD15
Transmit Mode 15 Channel 1 Ready Enable
0x0
R/W
6
CH1_ACT_MD15
Transmit Mode 15 Channel 1 Active Enable
0x0
R/W
5
CH2_RDY_MD15
Transmit Mode 15 Channel 2 Ready Enable
0x0
R/W
4
CH2_ACT_MD15
Transmit Mode 15 Channel 2 Active Enable
0x0
R/W
3
CH3_RDY_MD15
Transmit Mode 15 Channel 3 Ready Enable
0x0
R/W
2
CH3_ACT_MD15
Transmit Mode 15 Channel 3 Active Enable
0x0
R/W
1
CH4_RDY_MD15
Transmit Mode 15 Channel 4 Ready Enable
0x0
R/W
0
CH4_ACT_MD15
Transmit Mode 15 Channel 4 Active Enable
0x0
R/W
0x06F TX_EN2_MODE_15
[7:3] RESERVED
Reserved
0x0
R
2
SPLT1_EN_MD15
Transmit Mode 15 Active Splitter 1 Enable
0x0
R/W
1
SPLT12_EN_MD15
Transmit Mode 15 Channel 1 to Channel 2 Active
Splitter Enable
0x0
R/W
0
SPLT34_EN_MD15
Transmit Mode 15 Channel 3 to Channel 4 Active
Splitter Enable
0x0
R/W
0x070 MULT_EN_MODE_0
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD0
Multiplier Mode 0 RF Amplifier Enable
0x0
R/W
5
MULT_LOW_RDY_MD0
Multiplier Mode 0 Low Band Ready Enable
0x0
R/W
4
MULT_LOW_ACT_MD0
Multiplier Mode 0 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD0
Multiplier Mode 0 Mid Band Ready Enable
0x0
R/W
2
MULT_MID_ACT_MD0
Multiplier Mode 0 Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_MD0
Multiplier Mode 0 High Band Ready Enable
0x0
R/W
0
MULT_HIGH_ACT_MD0
Multiplier Mode 0 High Band Active Enable
0x0
R/W
0x071 MULT_PASS_MODE_0
7
BPF_MD0
Multiplier Mode 0 BPF Select
0x0
R/W
6
PA_NOTCH_MD0
Multiplier Mode 0 Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_MD0
Multiplier Mode 0 Attenuator Setting
0x0
R/W
0x072 MULT_EN_MODE_1
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD1
Multiplier Mode 1 RF Amplifier Enable
0x1
R/W
5
MULT_LOW_RDY_MD1
Multiplier Mode 1 Low Band Ready Enable
0x1
R/W
4
MULT_LOW_ACT_MD1
Multiplier Mode 1 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD1
Multiplier Mode 1 Mid Band Ready Enable
0x1
R/W
2
MULT_MID_ACT_MD1
Multiplier Mode 1 Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_MD1
Multiplier Mode 1 High Band Ready Enable
0x1
R/W
0
MULT_HIGH_ACT_MD1
Multiplier Mode 1 High Band Active Enable
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com