Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR2001 Datasheet(PDF) 25 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 21Page - Analog Devices ADAR2001 Datasheet HTML 22Page - Analog Devices ADAR2001 Datasheet HTML 23Page - Analog Devices ADAR2001 Datasheet HTML 24Page - Analog Devices ADAR2001 Datasheet HTML 25Page - Analog Devices ADAR2001 Datasheet HTML 26Page - Analog Devices ADAR2001 Datasheet HTML 27Page - Analog Devices ADAR2001 Datasheet HTML 28Page - Analog Devices ADAR2001 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 25 of 39
BIAS POINTS
Table 9. Default Bias Points
Register
Address
Register Name
Bit Field Name(s)
Register Bit(s)
Default Value Description
0x011
BIAS_CURRENT_MULT1
0xBB
Low and mid band multiplier bias current
MULT_LOW_BIAS
[3:0]
0xB
Low band multiplier bias current
MULT_MID_BIAS
[7:4]
0xB
Mid band multiplier bias current
0x012
BIAS_CURRENT_MULT2
0x0B
High band multiplier bias current
MULT_HIGH_BIAS
[3:0]
0xB
High band multiplier bias current
0x013
BIAS_CURRENT_RFAMP
0x75
RF buffer amplifier bias current
RF_AMP1_BIAS
[3:0]
0x05
RF buffer input stage bias current
RF_AMP2_BIAS
[7:4]
0x07
RF buffer output stage bias current
0x014
BIAS_CURRENT_SPLT
0xB5
Active splitter bias current
SPLT1_BIAS
[3:0]
0x5
First stage active splitter bias current
SPLT2_BIAS
[7:4]
0xB
Second stage active splitter bias current
0x015
BIAS_CURRENT_PA
0x0C
Power amplifier bias current
PA_BIAS
[3:0]
0xC
Power amplifier bias current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com