Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR2001 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 13Page - Analog Devices ADAR2001 Datasheet HTML 14Page - Analog Devices ADAR2001 Datasheet HTML 15Page - Analog Devices ADAR2001 Datasheet HTML 16Page - Analog Devices ADAR2001 Datasheet HTML 17Page - Analog Devices ADAR2001 Datasheet HTML 18Page - Analog Devices ADAR2001 Datasheet HTML 19Page - Analog Devices ADAR2001 Datasheet HTML 20Page - Analog Devices ADAR2001 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 17 of 39
STATE MACHINE SETUP
Both state machines in the ADAR2001 have configuration
registers that control various aspects of the state machine.
For the multiplier/filter sequencer, this register is
Register 0x018, and contains the following bits:
•
Bit 0 to Bit 3: MULT_STATES. Sets the number of states in
the loop (see Figure 28).
•
Bit 4: MULT_CTL_LATCH_BYP. Bypasses the latch on
the MADV and MRST pins. Setting this bit high bypasses
the latch. Regardless of the value of this bit, the new state is
preloaded on the rising edge of a MRST or MADV pulse. If
the latch is enabled, the new settings are all latched to the
appropriate section at the same time on the falling edge of
the same pulse. If the latch is bypassed, the new settings are
applied as soon as possible after the rising edge of the
pulse, with no latching and no guaranteed order.
•
Bit 5: MULT_SLP_HOLD. Prevents the multiplier/filter
block from advancing when forced into a sleep state by the
transmitter block. Used in conjunction with
MULT_SLP_CTRL. See the Sequencer Sleep Control
section for more information.
•
Bit 6: MULT_SLP_CTRL. Forces the multiplier/filter block
to sleep whenever the transmitter block is sleeping.
•
Bit 7: MULT_SEQ_EN. Enables the multiplier/filter block.
MULT_SEQ_EN must be set high for the block to operate
with the external pins.
For the transmitter sequencer, the two control registers are
Register 0x016 and Register 0x017.
Register 0x016 contains the following bits:
•
Bit 4: TX_CTL_LATCH_BYP. Bypasses the latch on the
TxADV and TxRST pins. Setting this bit high bypasses the
latch. Regardless of the value of this bit, the new state is
preloaded on the rising edge of a TxRST or TxADV pulse.
If the latch is enabled, the new settings are all latched to
the appropriate section at the same time on the falling edge
of the same pulse. If the latch is bypassed, the new settings
are applied as soon as possible after the rising edge of the
pulse, with no latching and no guaranteed order.
•
Bit 5: TX_SLP_HOLD. Prevents the transmitter block
from advancing when forced into a sleep state by the
multiplier/filter block. Used in conjunction with
MULT_SLP_CTRL. See the Sequencer Sleep Control
section for more information.
•
Bit 6: TX_SLP_CTRL. Forces the transmitter block to sleep
whenever the multiplier/filter block is sleeping.
•
Bit 7: TX_SEQ_EN. Enables the transmitter block. Must be
set high for the block to operate with the external pins.
Register 0x017 contains Bit 0 to Bit 6, TX_STATES, which sets the
number of states in the loop (see Figure 28).
MULTIPLIER/FILTER STATE MACHINE
A programmable state machine provides a convenient and fast
control mechanism for the multiplier/filter block and avoids the
need for SPI writes each time the block must be reconfigured.
To enable the state machine, set the MULT_SEQ_EN bit
(Register 0x018, Bit 7) high.
Although only seven multiplier/filter modes are required for a
complete 10 GHz to 40 GHz sweep as described in Table 7, a
maximum state machine depth of 16 is provided for optimum
flexibility.
Nine preloaded modes can be assigned to any of the 16 states.
These nine modes consist of a sleep mode, a ready mode, and
the seven modes required to perform a 10 GHz to 40GHz
sweep, as shown in Table 7. It is possible to overwrite any of the
multiplier/filter modes with a custom set of operating conditions
by changing the bits in Register 0x070 to Register 0x08F.
After the modes are defined, the order in which the sequencer
moves through the desired modes must be set by filling the
state bits in Register 0x03C to Register 0x043 in order, with the
modes of interest. Any state can point to any mode, except
State 0, which always points to Mode 0. Note that the sequencer
moves through the states in order, up to the state machine
depth.
Finally, the user must define how many states are used by setting
the state machine depth (MULT_STATES, Register 0x018,
Bits[3:0]). MULT_STATES is 0 indexed. Therefore, setting the
depth to 0 leaves MULT_STATE_1 (Register 0x03C, Bits[7:4])
as the only state in the loop.
After the multiplier/filter state machine is programmed and
enabled, operation is controlled by the MRST (multiplier reset,
Pin 11) and MADV (multiplier advance, Pin 10) pins.
Alternatively, operation can be controlled through the SPI
using the MULT_RST_SPI and MULT_ADV_SPI bits
(Register 0x044, Bit 3 and Bit 2, respectively). Note that using
the SPI is slower than pulsing the sequencer pins directly.
MRST moves the pointer on the multiplier/filter state machine
to State 0 regardless of the current position of the pointer and
can be asserted at any time. State 0 always refers to Mode 0 and
cannot be set to another mode. However, Mode 0 can be
overwritten with any multiplier/filter configuration. Mode 0 is
defined in Register 0x070 and Register 0x071.
MADV pulses advance the multiplier/filter state machine
pointer one state at a time until the defined sequencer depth is
cycled through. At that point, an additional MADV pulse
moves the pointer back to State 1, which is normally set to a
ready mode (however, State 1 can be set to any mode). State 1
applies the mode defined in the MULT_STATE_1 bits
(Register 0x03C, Bits[7:4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com