Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR2001 Datasheet(PDF) 27 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 23Page - Analog Devices ADAR2001 Datasheet HTML 24Page - Analog Devices ADAR2001 Datasheet HTML 25Page - Analog Devices ADAR2001 Datasheet HTML 26Page - Analog Devices ADAR2001 Datasheet HTML 27Page - Analog Devices ADAR2001 Datasheet HTML 28Page - Analog Devices ADAR2001 Datasheet HTML 29Page - Analog Devices ADAR2001 Datasheet HTML 30Page - Analog Devices ADAR2001 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 27 of 39
Addr Name
Bits Bit Name
Description
Reset Access
0x017 TX_SEQUENCER_SETUP2
7
RESERVED
Reserved
0x0
R
[6:0] TX_STATES
Sets Transmit Sequencer Depth
0x0
R/W
0x018 MULT_SEQUENCER_SETUP 7
MULT_SEQ_EN
Enables Multiplier Sequencer
0x0
R/W
6
MULT_SLP_CTRL
Sets Multiplier Sleep Mode Control
0x0
R/W
5
MULT_SLP_HOLD
Holds the Multiplier Sequencer State When
Transmit Is in Sleep Mode
0x0
R/W
4
MULT_CTL_LATCH_BYP
Bypasses the Control Latch for Multiplier Controls
0x1
R/W
[3:0] MULT_STATES
Sets Multiplier Sequencer Depth
0x0
R/W
0x019 TX_STATES_1_2
[7:4] TX_STATE_1
Mode Select for Transmit Sequencer State 1
0x0
R/W
[3:0] TX_STATE_2
Mode Select for Transmit Sequencer State 2
0x0
R/W
0x01A TX_STATES_3_4
[7:4] TX_STATE_3
Mode Select for Transmit Sequencer State 3
0x0
R/W
[3:0] TX_STATE_4
Mode Select for Transmit Sequencer State 4
0x0
R/W
0x01B TX_STATES_5_6
[7:4] TX_STATE_5
Mode Select for Transmit Sequencer State 5
0x0
R/W
[3:0] TX_STATE_6
Mode Select for Transmit Sequencer State 6
0x0
R/W
0x01C TX_STATES_7_8
[7:4] TX_STATE_7
Mode Select for Transmit Sequencer State 7
0x0
R/W
[3:0] TX_STATE_8
Mode Select for Transmit Sequencer State 8
0x0
R/W
0x01D TX_STATES_9_10
[7:4] TX_STATE_9
Mode Select for Transmit Sequencer State 9
0x0
R/W
[3:0] TX_STATE_10
Mode Select for Transmit Sequencer State 10
0x0
R/W
0x01E TX_STATES_11_12
[7:4] TX_STATE_11
Mode Select for Transmit Sequencer State 11
0x0
R/W
[3:0] TX_STATE_12
Mode Select for Transmit Sequencer State 12
0x0
R/W
0x01F TX_STATES_13_14
[7:4] TX_STATE_13
Mode Select for Transmit Sequencer State 13
0x0
R/W
[3:0] TX_STATE_14
Mode Select for Transmit Sequencer State 14
0x0
R/W
0x020 TX_STATES_15_16
[7:4] TX_STATE_15
Mode Select for Transmit Sequencer State 15
0x0
R/W
[3:0] TX_STATE_16
Mode Select for Transmit Sequencer State 16
0x0
R/W
0x021 TX_STATES_17_18
[7:4] TX_STATE_17
Mode Select for Transmit Sequencer State 17
0x0
R/W
[3:0] TX_STATE_18
Mode Select for Transmit Sequencer State 18
0x0
R/W
0x022 TX_STATES_19_20
[7:4] TX_STATE_19
Mode Select for Transmit Sequencer State 19
0x0
R/W
[3:0] TX_STATE_20
Mode Select for Transmit Sequencer State 20
0x0
R/W
0x023 TX_STATES_21_22
[7:4] TX_STATE_21
Mode Select for Transmit Sequencer State 21
0x0
R/W
[3:0] TX_STATE_22
Mode Select for Transmit Sequencer State 22
0x0
R/W
0x024 TX_STATES_23_24
[7:4] TX_STATE_23
Mode Select for Transmit Sequencer State 23
0x0
R/W
[3:0] TX_STATE_24
Mode Select for Transmit Sequencer State 24
0x0
R/W
0x025 TX_STATES_25_26
[7:4] TX_STATE_25
Mode Select for Transmit Sequencer State 25
0x0
R/W
[3:0] TX_STATE_26
Mode Select for Transmit Sequencer State 26
0x0
R/W
0x026 TX_STATES_27_28
[7:4] TX_STATE_27
Mode Select for Transmit Sequencer State 27
0x0
R/W
[3:0] TX_STATE_28
Mode Select for Transmit Sequencer State 28
0x0
R/W
0x027 TX_STATES_29_30
[7:4] TX_STATE_29
Mode Select for Transmit Sequencer State 29
0x0
R/W
[3:0] TX_STATE_30
Mode Select for Transmit Sequencer State 30
0x0
R/W
0x028 TX_STATES_31_32
[7:4] TX_STATE_31
Mode Select for Transmit Sequencer State 31
0x0
R/W
[3:0] TX_STATE_32
Mode Select for Transmit Sequencer State 32
0x0
R/W
0x029 TX_STATES_33_34
[7:4] TX_STATE_33
Mode Select for Transmit Sequencer State 33
0x0
R/W
[3:0] TX_STATE_34
Mode Select for Transmit Sequencer State 34
0x0
R/W
0x02A TX_STATES_35_36
[7:4] TX_STATE_35
Mode Select for Transmit Sequencer State 35
0x0
R/W
[3:0] TX_STATE_36
Mode Select for Transmit Sequencer State 36
0x0
R/W
0x02B TX_STATES_37_38
[7:4] TX_STATE_37
Mode Select for Transmit Sequencer State 37
0x0
R/W
[3:0] TX_STATE_38
Mode Select for Transmit Sequencer State 38
0x0
R/W
0x02C TX_STATES_39_40
[7:4] TX_STATE_39
Mode Select for Transmit Sequencer State 39
0x0
R/W
[3:0] TX_STATE_40
Mode Select for Transmit Sequencer State 40
0x0
R/W
0x02D TX_STATES_41_42
[7:4] TX_STATE_41
Mode Select for Transmit Sequencer State 41
0x0
R/W
[3:0] TX_STATE_42
Mode Select for Transmit Sequencer State 42
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com