| Electronic Components Datasheet Search |
|
ADSP21486KSWZ3ABRL Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP21486KSWZ3ABRL Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 71 page ![]() ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 Rev. H | Page 13 of 71 | February 2020 Middleware Packages Analog Devices separately offers middleware add-ins such as real time operating systems, file systems, USB stacks, and TCP/IP stacks. For more information see the following web pages: • www.analog.com/ucos3 • www.analog.com/ucfs • www.analog.com/ucusbd • www.analog.com/lwip Algorithmic Modules To speed development, Analog Devices offers add-ins that per- form popular audio and video processing algorithms. These are available for use with both CrossCore Embedded Studio and VisualDSP++. For more information visit www.analog.com and search on “Blackfin software modules” or “SHARC software modules”. Designing an Emulator-Compatible DSP Board (Target) For embedded system test and debug, Analog Devices provides a family of emulators. On each JTAG DSP, Analog Devices sup- plies an IEEE 1149.1 JTAG Test Access Port (TAP). In-circuit emulation is facilitated by use of this JTAG interface. The emu- lator accesses the processor’s internal features via the processor’s TAP, allowing the developer to load code, set break- points, and view variables, memory, and registers. The processor must be halted to send data and commands, but once an operation is completed by the emulator, the DSP system is set to run at full speed with no impact on system timing. The emu- lators require the target board to include a header that supports connection of the DSP’s JTAG port to the emulator. For details on target board design issues including mechanical layout, single processor connections, signal buffering, signal ter- mination, and emulator pod logic, see Analog Devices JTAG Emulation Technical Reference (EE-68). This document is updated regularly to keep pace with improvements to emulator support. ADDITIONAL INFORMATION This data sheet provides a general overview of the ADSP-2148x architecture and functionality. For detailed information on the ADSP-2148x family core architecture and instruction set, refer to the programming reference manual. RELATED SIGNAL CHAINS A signal chain is a series of signal-conditioning electronic com- ponents that receive input (data acquired from sampling either real-time phenomena or from stored data) in tandem, with the output of one portion of the chain supplying input to the next. Signal chains are often used in signal processing applications to gather and process data or to apply system controls based on analysis of real-time phenomena. Analog Devices eases signal processing system development by providing signal processing components that are designed to work together well. A tool for viewing relationships between specific applications and related components is available on the www.analog.com website. The application signal chains page in the Circuits from the Lab ® site (http:\\www.analog.com\circuits) provides: • Graphical circuit block diagram presentation of signal chains for a variety of circuit types and applications • Drill down links for components in each chain to selection guides and application information • Reference designs applying best practice design techniques |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |