Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3504D Datasheet(PDF) 39 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 39 Page - Micronas

Back Button MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas MAS3504D Datasheet HTML 35Page - Micronas MAS3504D Datasheet HTML 36Page - Micronas MAS3504D Datasheet HTML 37Page - Micronas MAS3504D Datasheet HTML 38Page - Micronas MAS3504D Datasheet HTML 39Page - Micronas MAS3504D Datasheet HTML 40Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
MAS 3504D
Micronas
39
Fig. 4–22: Load Transient-Response
Fig. 4–23: Line Transient-Response
Fig. 4–24: Startup Waveform
500.00
µs/Div
Vin = 1.2 V; Vout =3 V
1 Load Current
200.0 mA/Div
2 Output Voltage
100.0 mV/Div / AC-coupled
3 Inductor Current
500.0 mA/Div
3V
0A
0A
Iload =100 mA; Vout =3 V
1Vin
2.000 V/Div
2 Output Voltage
50.00 mV/Div / AC-coupled
3 Inductor Current 200.0 mA/Div
5.00 ms/Div
3V
2V
Vin =1V; Iload =0 mA
1 V (DCEN)
2.000 V/Div
2 V (PUP)
2.000 V/Div
3 Inductor Current
500.0 mA/Div
4 Output Voltage
2.000 V/Div
500
µs/Div
0A
3V
3V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com