Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3504D Datasheet(PDF) 10 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 10 Page - Micronas

Back Button MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas MAS3504D Datasheet HTML 11Page - Micronas MAS3504D Datasheet HTML 12Page - Micronas MAS3504D Datasheet HTML 13Page - Micronas MAS3504D Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MAS 3504D
10
Micronas
2.6.3.2. End of DMA Transfer
The above procedure will be repeated until the
MAS 3504D sets the EOD signal to “0”, which indi-
cates that the transfer of one data block has been exe-
cuted. Subsequently, the controller should set PR to
“0”, wait until EOD rises again, and then repeat the
procedure ((see Section 2.6.3.1. on page 9)) to send
the next block of data. The DMA buffer is 10 bytes long
(one frame).
The recommended PIO DMA conditions and the char-
acteristics of the PIO timing are given in Table 2–2.
2.6.4. Audio Input Interface (SDI)
The A/D interface is a standard I2S interface (16/32 bit,
stereo). This input is used for G.729 recording mode
and must be slaved to the D/A output clock and word-
strobe signals.
The interface is configurable by software to work in dif-
ferent modes. It is possible to choose:
– inverted or non inverted word strobe (SOI),
– no delay or delay of data related to word strobe
– inverted or non inverted I2S-Clock (SOC).
For further details see Section 3.5.4. on page 18
2.6.5. Audio Output Interface (SDO)
The audio output interface of the MAS 3504D is a
standard I2S interface. As the G.729 standard is only
working on mono signals, the same signal is written to
both output channels (left and right).
The interface is configurable by software to work in dif-
ferent modes. It is possible to choose:
– 16 or 32 bit/sample modes,
– inverted or non inverted word strobe (SOI),
– no delay or delay of data related to word strobe
– inverted or non inverted I2S-clock (SOC).
For further details see Section 3.5.4. on page 18
Table 2–2: PIO DMA Timing
Symbol
PIO Pin
Min.
Max.
Unit
tst
PR, EOD
0.010
2000
µs
tr
PR, RTR
40
160
ns
tpd
PR,
PI[19:12]
120
480
ns
tset
PI[19:12]
160
no limit
ns
th
PI[19:12]
160
no limit
ns
trtrq
RTR
200
30000
ns
tpr
PR
480
no limit
ns
trpr
PR, RTR
40
no limit
ns
teod
PR, EOD
40
160
ns
teodq
EOD
2.5
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com