Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS3504D Datasheet(PDF) 22 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 22 Page - Micronas

Back Button MAS3504D Datasheet HTML 18Page - Micronas MAS3504D Datasheet HTML 19Page - Micronas MAS3504D Datasheet HTML 20Page - Micronas MAS3504D Datasheet HTML 21Page - Micronas MAS3504D Datasheet HTML 22Page - Micronas MAS3504D Datasheet HTML 23Page - Micronas MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MAS 3504D
22
Micronas
4. Specifications
4.1. Outline Dimensions
Fig. 4–1:
Plastic Metric Quad Flat Pack 44-Pin
(PMQFP44)
Weight approximately 0.4 g
Dimensions in mm
Fig. 4–2:
Low-Profile Fine-Pitch Ball Grid Array 49-Pin
(LFBGA49)
Weight approximately 0.13 g
Dimensions in mm
SPGS706000-5(P44)/1E
34
44
1
11
12
22
23
33
0.1
0.8
13.2
0.2
±
0.17
0.06
±
2.15
0.2
±
2.0
0.1
±
10
0.1
±
10 x 0.8 = 8
0.1
±
6 x 0.8 = 4.8
SPGS708000-1(P49)/1E
7
0.8
A
B
C
D
E
F
G
1
2
3
4
5
6
7
1.4
0.36
A1 Ball Pad Corner
Laser marked pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com