| Electronic Components Datasheet Search |
|
MAS3504D Datasheet(PDF) 15 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3504D Datasheet(HTML) 15 Page - Micronas |
|
15 / 40 page ![]() MAS 3504D Micronas 15 3.3.5. Read Register The MAS 3504D has an address space of 256 regis- ters. Some of the registers (r = r1, r0 in the figure above) are direct control inputs for various hardware blocks, others do control the internal program flow. In the next section, those registers that are of any interest with respect to the G.729 codec are described in detail. Example: Read the content of the PIO data register (C8hex): <$3A><$68><$DC><$80> <$3A><$69><$3B> now read: <d3,d2><d1,d0><x,x><x,d4> 3.3.6. Read D0 Memory The ‘read D0 memory’ command is provided to get information from memory cells of the MAS 3504D. It gives the controller access to all memory cells of the internal D0 memory. Direct access to memory cells is an advanced feature of the DSP. It is intended for users of the MASC software development kit. 3.3.7. Read D1 Memory The ‘read D1 memory’ command is provided to get information from memory cells of the MAS 3504D. It gives the controller access to all memory cells of the internal D1 memory. 1) send command 2) get register value SDW data_write D,r1 r0,$0 SDW data_read S DR P P A A N A WA A A WA d3,d2 W x,d4 WA WA A d1,d0 W x,x A r1, r0: register r d3..d0: data value in r x: don’t care 1) send command 2) get memory value SDW data_write W AAA W E,$0 0$,$0 SDW data_read WA WA d3,d2 S A DR A d1,d0 P AW n3,n2 n1,n0 AW A P a3,a2 a1,a0 W $0,$0 A $0,d4 WA N d3,d2 A d1,d0 W $0,$0 A $0,d4 ....repeat for n data values.... W W A A A A n3..n0: number of words a3..a0: start address in MASD memory d4..d0: data value 1) send command 2) get memory value SDW data_write WA A A W F,$0 $0,$0 SDW data_read WA WA d3,d2 S A DR A d1,d0 P AW n3,n2 n1,n0 AW A P a3,a2 a1,a0 W $0,$0 A $0,d4 WA N d3,d2 A d1,d0 W $0,$0 A $0,d4 ....repeat for n data values.... W W A A A A n3..n0: number of words a3..a0: start address in MASD memory d4..d0: data value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |