Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3375 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices LTC3375 Datasheet HTML 16Page - Analog Devices LTC3375 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3376
13
Rev 0
For more information www.analog.com
PIN FUNCTIONS
IMON3 (Pin E6): Current Monitor Pin for Buck Regulator 3.
IMON3 outputs a current of 100µA (typical) at 1.5A load
current for each power stage configured. Connect a
resistor from IMON3 to GND. The value of this resistor
should be chosen so that IMON3 is 1V at full load (1.5A
per power stage). The IMON3 voltage will decrease by
0.67V/A at lower load currents. The IMON3 output current
will be 0 when the regulator is sleeping in Burst Mode or
is disabled.
IMON4 (Pin D6): Current Monitor Pin for Buck Regulator 4.
IMON4 outputs a current of 100µA (typical) at 1.5A load
current for each power stage configured. Connect a
resistor from IMON4 to GND. The value of this resistor
should be chosen so that IMON4 is 1V at full load (1.5A
per power stage). The IMON4 voltage will decrease by
0.67V/A at lower load currents. The IMON4 output current
will be 0 when the regulator is sleeping in Burst Mode or
is disabled.
INTVCC (Pin B3): Internal 3V VCC Regulator Bypass Pin.
The control circuits are powered from this voltage. Do not
load the INTVCC pin with external circuitry exceeding 2mA.
If overloaded the LTC3376 will shut down. INTVCC cur-
rent is supplied from EXTVCC if VEXTVCC > 3V, otherwise
current is drawn from VCC. Bypass to GND with a single
4.7µF or larger low ESR ceramic capacitor.
INTVCC_P (Pin B6): Internal VCC Power Stage Supply. The
internal power drivers are powered from this voltage. The
INTVCC_P pin is for internal use only. Bypass to GND with
a single 10µF or larger low ESR ceramic capacitor. In all
applications, INTVCC_P must connect to INTVCC.
PGNDA (Pin A4): Ground Supply for Power Stage A.
Connect the GND side of the VINA bypass capacitors
directly to this pin and then to the ground plane.
PGNDB (Pin D1): Ground Supply for Power Stage B.
Connect the GND side of the VINB bypass capacitors
directly to this pin and then to the ground plane.
PGNDC (Pin E1): Ground Supply for Power Stage C.
Connect the GND side of the VINC bypass capacitors
directly to this pin and then to the ground plane.
PGNDD (Pin H4): Ground Supply for Power Stage D.
Connect the GND side of the VIND bypass capacitors
directly to this pin and then to the ground plane.
PGNDE (Pin H5): Ground Supply for Power Stage E.
Connect the GND side of the VINE bypass capacitors
directly to this pin and then to the ground plane.
PGNDF (Pin E8): Ground Supply for Power Stage F.
Connect the GND side of the VINF bypass capacitors
directly to this pin and then to the ground plane.
PGNDG (Pin D8): Ground Supply for Power Stage G.
Connect the GND side of the VING bypass capacitors
directly to this pin and then to the ground plane.
PGNDH (Pin A5): Ground Supply for Power Stage H.
Connect the GND side of the VINH bypass capacitors
directly to this pin and then to the ground plane.
PGOOD1 (Pin D2): Power Good Pin for Buck Regulator 1
(Active High). Open-drain output. This pin is driven low
when Buck 1’s regulated output voltage falls below its
PGOOD threshold or rises above its overvoltage thresh-
old. PGOOD1 is also pulled low in the following scenarios:
if the buck is disabled, if the buck is going through soft-
start, if INTVCC is below the UVLO threshold, or if the
LTC3376 is in OT.
PGOOD2 (Pin E2): Power Good Pin for Buck Regulator 2
(Active High). Open-drain output. This pin is driven low
when Buck 2’s regulated output voltage falls below its
PGOOD threshold or rises above its overvoltage thresh-
old. PGOOD2 is also pulled low in the following scenarios:
if the buck is disabled, if the buck is going through soft-
start, if INTVCC is below the UVLO threshold, or if the
LTC3376 is in OT.
PGOOD3 (Pin E7): Power Good Pin for Buck Regulator 3
(Active High). Open-drain output. This pin is driven low
when Buck 3’s regulated output voltage falls below its
PGOOD threshold or rises above its overvoltage thresh-
old. PGOOD3 is also pulled low in the following scenarios:
if the buck is disabled, if the buck is going through soft-
start, if INTVCC is below the UVLO threshold, or if the
LTC3376 is in OT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com