Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3375 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 20Page - Analog Devices LTC3375 Datasheet HTML 21Page - Analog Devices LTC3375 Datasheet HTML 22Page - Analog Devices LTC3375 Datasheet HTML 23Page - Analog Devices LTC3375 Datasheet HTML 24Page - Analog Devices LTC3375 Datasheet HTML 25Page - Analog Devices LTC3375 Datasheet HTML 26Page - Analog Devices LTC3375 Datasheet HTML 27Page - Analog Devices LTC3375 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3376
24
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
LTC3376
3V TO 13V
BSTH
BSTA
INTVCC
VCC
3V TO 20V
4.7µF
4.7µF
10µF
(3V)
INTVCC_P
INTVCC
TEMP
EXTVCC
EXTVCC
CFG0
RT
536k
(1.5MHz)
SYNC/MODE
GND
15µF
×3
3376 TA03
BSTB
PGNDH
PGNDA
PGNDB
VINH
VINA
VINB
INTVCC
RUN1
IMON1
PGOOD1
RUN2
IMON2
PGOOD2
RUN3
IMON3
PGOOD3
RUN4
IMON4
PGOOD4
3.32k
4.99k
4.99k
10k
SWB
SWH
FB1–
FB1+
1.8V
4.5A
2x68µF
SWA
1µH
698k
200k
4.7µF
CFG1
CFG2
CFG3
CONFIGURATION 0001
3.3V TO 18V
BSTC
15µF
×2
BSTD
PGNDC
PGNDD
VINC
VIND
SWC
SWD
FB2–
FB2+
2.5V
3A
68µF
2.2µH
1.05M
200k
4.3V TO 20V
BSTE
15µF
×2
BSTF
PGNDE
PGNDF
VINE
VINF
SWE
SWF
FB3–
FB3+
EXTVCC
3.3V
3A
47µF
2.2µH
1.15M
158k
6.5V TO 20V
15µF
BSTG
PGNDG
VING
SWG
FB4–
FB4+
5V
1.5A
33µF
6.8µH
1.15M
100k
1µF
×3
1µF
×2
1µF
×2
1µF
Four Rail (1.8V/4.5A, 2.5V/3A, 3.3V/3A, 5V/1.5A) System with Bootstrapped EXTVCC Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com