Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3375 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 17Page - Analog Devices LTC3375 Datasheet HTML 18Page - Analog Devices LTC3375 Datasheet HTML 19Page - Analog Devices LTC3375 Datasheet HTML 20Page - Analog Devices LTC3375 Datasheet HTML 21Page - Analog Devices LTC3375 Datasheet HTML 22Page - Analog Devices LTC3375 Datasheet HTML 23Page - Analog Devices LTC3375 Datasheet HTML 24Page - Analog Devices LTC3375 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3376
21
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
switching frequency (fSW(MAX)) for low duty cycle applica-
tions can be calculated as follows:
fSW(MAX) =
VOUT + VBOTSW
tON(MIN) VIN(MAX) – VTOPSW + VBOTSW
(
)
(5)
where VIN(MAX) is the maximum input voltage, VOUT is
the output voltage, VTOPSW and VBOTSW are the internal
switch drops, and tON(MIN) is the minimum top switch
on-time. This equation shows that a slower switching
frequency is necessary to accommodate a very high VIN/
VOUT ratio.
For higher duty cycle applications, the minimum off-time
also imposes a max switching frequency which can be
calculated as follows:
fSW(MAX) =
VIN – VOUT – VTOPSW
tOFF(MIN) VIN + VBOTSW – VTOPSW
(
)
(6)
where tOFF(MIN) is the minimum top switch off-time. This
equation shows that a slower switching frequency is also
necessary to accommodate a very low VIN/VOUT ratio.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance
value, RMS current rating, saturation current rating, DCR,
and core loss.
If the duty cycle of operation is 50% or less, choose the
inductor based on the following equation:
L = VOUT •
1–
VOUT
VIN(MAX)
0.2 •IMAX • fSW
for
VOUT
VIN
≤ 0.5
(7)
where fSW is the switching frequency, VIN(MAX) is the max-
imum input voltage that the buck will run at, and IMAX is
1.5A times the number of power stages (the maximum
rated load current for the LTC3376). For operation at duty
cycles higher than 50%, use instead the following equa-
tion to select the inductor:
L = 1.25 •
VIN(MAX)
fSW •IMAX
for
VOUT
VIN
> 0.5
(8)
To avoid overheating of the inductor, choose an inductor
with an RMS current rating that is greater than the maxi-
mum expected output load of the application. Overload
and short-circuit conditions should also be taken into
consideration.
In addition, ensure that the saturation current rating (typi-
cally labeled ISAT) is higher than the maximum expected
load plus half the inductor ripple:
ISAT >ILOAD(MAX)+
1
2
ΔIL
(9)
where ILOAD(MAX) is the maximum output load current and
∆IL is the inductor ripple current as calculated by:
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
(10)
A more conservative choice would be to choose an induc-
tor with an ISAT rating higher than the maximum current
limit of the LTC3376 which is 3.0A per power stage.
For highest efficiency, choose an inductor with the low-
est series resistance (DCR). The core material should be
intended for high frequency applications. Table 2 shows
recommended inductors from several manufacturers.
Input Capacitors
The LTC3376 has individual input supply pins for each
buck power stage. All of these pins must be decoupled
with low ESR capacitors to their own PGND. These capaci-
tors should be placed as close to the pins as possible.
Ceramic dielectric capacitors are a good compromise
between high dielectric constant and stability versus
temperature and DC bias. Note that the capacitance of a
capacitor deteriorates at higher DC bias. It is important
to consult manufacturer data sheets and obtain the true
capacitance of a capacitor at the DC bias voltage that it will
operate at. For this reason, avoid the use of Y5V dielec-
tric capacitors. The X5R/X7R dielectric capacitors offer
good overall performance. See Table 3 for recommended
ceramic capacitor manufacturers.
Regardless of how the power stages are configured, each
input supply voltage pin, VINA-H, needs to be decoupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com