Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3375 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3375
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 3 Page - Analog Devices

  LTC3375 Datasheet HTML 1Page - Analog Devices LTC3375 Datasheet HTML 2Page - Analog Devices LTC3375 Datasheet HTML 3Page - Analog Devices LTC3375 Datasheet HTML 4Page - Analog Devices LTC3375 Datasheet HTML 5Page - Analog Devices LTC3375 Datasheet HTML 6Page - Analog Devices LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3376
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total System Current Bootstrapped
1 Buck on, Sleeping, VFB+ = 0.41V (Note 4)
2 Bucks on, Sleeping, VFB+ = 0.41V (Note 4)
All Bucks on (Note 4)
27
32
42
µA
µA
µA
EXTVCC Input Supply Current, EXTVCC = 3.3V 1 Buck on, Sleep, VFB+ = 0.41V
Each Additional Buck, Sleep
1 Buck on (Configured to 1 Power Stage),
SYNC/MODE = INTVCC (Note 3)
56
17
4.5
85
30
µA
µA
mA
Undervoltage Threshold on INTVCC
INTVCC Voltage Falling
l
2.55
2.6
2.65
V
Undervoltage Hysteresis on INTVCC
250
mV
fosc
Internal Oscillator Frequency
RT = INTVCC, SYNC/MODE = 0V
RT = 402k, SYNC/MODE = 0V
l
l
1.84
1.84
2
2
2.16
2.16
MHz
MHz
Synchronization Frequency
l
1
3
MHz
External Low Voltage Supply (If Used)
EXTVCC
Optional External Supply Range
l
3
5.5
V
Undervoltage Threshold on EXTVCC
EXTVCC Voltage Falling
l
2.8
2.85
2.95
V
Undervoltage Hysteresis on EXTVCC
75
mV
1.5A Buck Regulators
VIN
Buck Input Voltage Range
l
3
20
V
Undervoltage Threshold on VIN
VIN Voltage Falling
Hysteresis
l
2.5
2.6
0.2
2.7
V
V
VINA-H Input Supply Current, VINA-H = 12V
All Bucks Off
VINB, VINC, VINF, VING
VINA, VIND, VINE, VINH
0.7
0
1.4
µA
µA
Buck On, Sleeping, VFB+ = 0.41V
VINB, VINC, VINF, VING
VINA, VIND, VINE, VINH
0.7
0
1.4
µA
µA
Buck On, SYNC/MODE=INTVCC
5.2
mA
Top Switch Current Limit, Duty < 18%
(Note 5)
2.3
2.62
3.0
A
VFB+
Feedback Regulation Voltage
l
396
400
404
mV
IFB+
Feedback Leakage Current
VFB+ = 0.41V
–30
30
nA
Minimum Off-Time
90
140
ns
Minimum On-Time
l
53
85
ns
Top Switch Power FET On-Resistance
170
mΩ
Bottom Switch Power FET On-Resistance
90
mΩ
Top Switch Power FET Leakage
VINA-H = 20V, SWA-H = 0V
0.1
µA
Bottom Switch Power FET Leakage
VINA-H = SWA-H = 20V
0.003
1
µA
SW Pull-Down Resistance in Shutdown
RUN1-4 = 0V per Output Channel
1
kΩ
tSS
Soft-Start Time
(Note 6)
l
0.3
1
2.5
ms
Start-Up Delay Time
Starting Up from All EN’s Low
When at Least One EN Is Already High
100
40
250
100
500
250
µs
µs
PGOOD Lower Threshold
VFB+ Falling, Percentage of Regulated VFB+
l
95
96.75
98.5
%
PGOOD Lower Threshold Hysteresis
1
%
PGOOD Upper Threshold
VFB+ Rising, Percentage of Regulated VFB+
l
104.5
107.5
110.5
%
PGOOD Upper Threshold Hysteresis
2.5
%
PGOOD Filtering Time
100
µs
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VINA-H = 12V, RT tied to INTVCC, VFB1-4¯ = 0V, unless
otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com