Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2179 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 5Page - STMicroelectronics UM2179 Datasheet HTML 6Page - STMicroelectronics UM2179 Datasheet HTML 7Page - STMicroelectronics UM2179 Datasheet HTML 8Page - STMicroelectronics UM2179 Datasheet HTML 9Page - STMicroelectronics UM2179 Datasheet HTML 10Page - STMicroelectronics UM2179 Datasheet HTML 11Page - STMicroelectronics UM2179 Datasheet HTML 12Page - STMicroelectronics UM2179 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
UM2179 Rev 9
9/48
UM2179
Quick start
47
3
Quick start
This section describes how to start a development quickly using the STM32 Nucleo-144
board.
Before installing and using the product, accept the Evaluation Product License Agreement
from the www.st.com/epla webpage. For more information on the STM32 Nucleo-144 board
and for demonstration software, visit the www.st.com/stm32nucleo webpage.
3.1
Getting started
Follow the sequence below to configure the Nucleo-144 board and launch the demonstration
application (for components location refer to Figure 4: STM32 Nucleo-144 board top layout).
1.
Check the jumper position on the board:
JP1 (PWR-EXT) OFF (see Section 5.5.1: Power supply input from ST-LINK/V2-1 USB
connector for more details)
JP6 (Power source) on STLK side (for more details see Table 7: Power related jumper)
JP5 (IDD) ON (for more details see Section 5.8: JP5 (IDD))
CN4 ON selected (for more details see Table 4: CN4 states of the jumpers).
2.
For the correct identification of the device interfaces from the host PC and before
connecting the board, install the Nucleo USB driver available on the
www.st.com/stm32nucleo website.
3.
To power the board connect the STM32 Nucleo-144 board to a PC with a USB ‘Type-A
to Micro-B’ cable through the USB connector CN1 on the ST-LINK. As a result, the
green LED LD6 (PWR) and LD4 (COM) light up and the red LED LD3 blinks.
4.
Press button B1 (left button).
5.
Observe that the blinking frequency of the three LEDs LD1 to LD3 changes, by clicking
on the button B1.
6.
The software demonstration and the several software examples, that allow the user to
use the Nucleo features, are available at the www.st.com/stm32nucleo webpage.
7.
Develop an application, using the available examples.
3.2
System requirements
•
Windows® OS (7, 8 and 10), Linux® 64-bit or macOS®(a)
•
USB Type-A to Micro-B cable
3.3
Development toolchains
•
Keil® MDK-ARM(b)
•
IAR™ EWARM(b)
•
GCC-based IDEs
•
Arm® Mbed™ online (see https://mbed.org)
a. macOS® is a trademark of Apple Inc., registered in the U.S. and other countries
b. On Windows® only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com