Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404816FS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 11Page - Renesas Technology Corp HD404816FS Datasheet HTML 12Page - Renesas Technology Corp HD404816FS Datasheet HTML 13Page - Renesas Technology Corp HD404816FS Datasheet HTML 14Page - Renesas Technology Corp HD404816FS Datasheet HTML 15Page - Renesas Technology Corp HD404816FS Datasheet HTML 16Page - Renesas Technology Corp HD404816FS Datasheet HTML 17Page - Renesas Technology Corp HD404816FS Datasheet HTML 18Page - Renesas Technology Corp HD404816FS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
HD404818 Series
13
0
1
2
3
Bit 3
Bit 2
Bit 1
Bit 0
IM0
(IM of
INT )
0
IF0
(IF of
INT )
0
RSP
(Reset SP bit)
IE
(Interrupt enable flag)
IMTA
(IM of timer A)
IFTA
(IF of timer A)
IM1
(IM of
INT )
1
IF1
(IF of
INT )
1
IMTC
(IM of timer C)
IFTC
(IF of timer C)
IMTB
(IM of timer B)
IFTB
(IF of timer B)
Not used
Not used
IMS
(IM of serial)
IFS
(IF of serial)
$000
$001
$002
$003
32
DTON
Direct transfer on flag
Not used
WDON
(Watchdog on flag)
LSON
(Low speed on flag)
Not used
$020
$021
$023
IF:
IM:
IE:
SP:
Note:
Bits in the interrupt control bits area and register flag area are set by the SEM or SEMD
instruction, reset by the REM or REMD instruction, and tested by the TM or TMD instruction.
Other instructions have no effect.
However, note the following usage limitations of RAM bit manipulation instructions.
Interrupt request flag
Interrupt mask
Interrupt enable flag
Stack pointer
IF
RSP
WDON
DTON
SEM/SEMD
Not executed
Not executed
Allowed
Not executed in active mode
Used in subactive mode
REM/REMD
Allowed
Allowed
Not executed
Allowed
TM/TMD
Allowed
Inhibited
Inhibited
Allowed
Note:
WDON is reset only by MCU reset.
DTON is always reset in active mode.
If the TM or TMD instruction is executed for the inhibited bits or non-existing bits, the value in
ST becomes invalid.
Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com