Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404816FS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 28Page - Renesas Technology Corp HD404816FS Datasheet HTML 29Page - Renesas Technology Corp HD404816FS Datasheet HTML 30Page - Renesas Technology Corp HD404816FS Datasheet HTML 31Page - Renesas Technology Corp HD404816FS Datasheet HTML 32Page - Renesas Technology Corp HD404816FS Datasheet HTML 33Page - Renesas Technology Corp HD404816FS Datasheet HTML 34Page - Renesas Technology Corp HD404816FS Datasheet HTML 35Page - Renesas Technology Corp HD404816FS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
HD404818 Series
30
Stop Mode: The MCU enters stop mode if the STOP instruction is executed in active mode when TMA3 =
0. In this mode, the system oscillator stops, which stops all MCU functions as well.
Stop mode is terminated by a RESET input as shown in figure 11. RESET must be high for at least one t
RC
to stabilize oscillation (refer to the AC Characteristics section). When the MCU restarts after stop mode is
cancelled, all RAM contents are retained, but the accuracy of the contents of the accumulator, B register, W
register, X/SPX register, Y/SPY register, carry flag, and serial data register cannot be guaranteed.




,



Stop mode
Oscillator
Internal clock
RESET
STOP instruction execution
t
t
(stabilization time)
RC
t res
res ≥
Figure 11 Timing of Stop Mode Cancellation
Watch Mode: The MCU enters watch mode if the STOP instruction is executed in active mode when
TMA3 = 1, or if the STOP or SBY instruction is executed in subactive mode.
Watch mode is terminated by a RESET input or a timer-A/
INT
0 interrupt request. For details on RESET
input, refer to the Stop Mode section. When terminated by a timer-A/
INT
0 interrupt request, the MCU
enters active mode if LSON is 0, or subactive mode if LSON is 1. After an interrupt request is generated,
the time required to enter active mode is t
RC for a timer A interrupt, and TX (where T + tRC ≤ TX ≤ 2T + tRC)
for an
INT
0 interrupt, as shown in figure 12.
Operation during mode transition is the same as that at standby mode cancellation (figure 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com