Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1H40CSP Datasheet(PDF) 4 Page - International Rectifier

Part # IR1H40CSP
Description  Flipky - 1 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1H40CSP Datasheet(HTML) 4 Page - International Rectifier

  IR1H40CSP Datasheet HTML 1Page - International Rectifier IR1H40CSP Datasheet HTML 2Page - International Rectifier IR1H40CSP Datasheet HTML 3Page - International Rectifier IR1H40CSP Datasheet HTML 4Page - International Rectifier IR1H40CSP Datasheet HTML 5Page - International Rectifier IR1H40CSP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IR1H40CSP
Bulletin I0149J rev. E 06/05
4
www.irf.com
Fig.6-Max. Non-Repetitive Surge Current (PerLeg)
Fig.4-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig.8-Unclamped Inductive Test Circuit
Fig.5-Forward Power Loss Characteristics
(PerLeg)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ 80% VR applied
AverageForwardCurrent-I
F(AV)(A)
AverageForwardCurrent-I
F(AV)(A)
SquareWavePulseDuration-t
p(microsec)
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
80
100
120
140
160
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
DC
Square wave (D = 0.50)
80% Vr applied
see note (2)
D = 3/4
D = 1/2
D = 1/3
D = 1/4
D = 1/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com