Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1H40CSP Datasheet(PDF) 6 Page - International Rectifier

Part # IR1H40CSP
Description  Flipky - 1 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1H40CSP Datasheet(HTML) 6 Page - International Rectifier

  IR1H40CSP Datasheet HTML 1Page - International Rectifier IR1H40CSP Datasheet HTML 2Page - International Rectifier IR1H40CSP Datasheet HTML 3Page - International Rectifier IR1H40CSP Datasheet HTML 4Page - International Rectifier IR1H40CSP Datasheet HTML 5Page - International Rectifier IR1H40CSP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IR1H40CSP
Bulletin I0149J rev. E 06/05
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 06/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Consumer Level.
Qualification Standards can be found on IR's Web site.
IR1H40CSP
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation)
*
*
Contain Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT ir1h40csp ANO CAT
D1 ANO 1 DMOD (0.01614)
*Define diode model
.MODEL
DMOD
D(IS=1.89451920631734E-05A,N=1.28115932154793,BV=48V,
+
IBV=3.51582918628388E-02A,RS=
0.000316344,CJO=1.496133161627E-08,
+
VJ=2.48275231672173,XTI=2,
EG=0.909092986033443)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL
TRES
RES(R=1,TC1=141.418786575201)
GP1
ANO
CAT
VALUE={-ABS(I(VX))*(EXP((((-4.18234E-03/
141.4188)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-1))+1)*0.1008349*ABS(V(ANO,CAT)))-
1)}
********************************************
.ENDS
ir1h40csp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com