Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1H40CSP Datasheet(PDF) 1 Page - International Rectifier

Part # IR1H40CSP
Description  Flipky - 1 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1H40CSP Datasheet(HTML) 1 Page - International Rectifier

  IR1H40CSP Datasheet HTML 1Page - International Rectifier IR1H40CSP Datasheet HTML 2Page - International Rectifier IR1H40CSP Datasheet HTML 3Page - International Rectifier IR1H40CSP Datasheet HTML 4Page - International Rectifier IR1H40CSP Datasheet HTML 5Page - International Rectifier IR1H40CSP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FlipkyTM
1 Amp
IR1H40CSP
Bulletin I0149J rev. E 06/05
1
Major Ratings and Characteristics
I
F(AV) Rectangularwaveform
1.0
A
V
RRM
40
V
I
FSM
@ tp = 5 µs sine
250
A
V
F
@1.0Apk,T
J=125°C
0.42
V
T
J
range
-55 to150
°C
Characteristics
IR1H40CSP Units
True chip-scale packaging is available from International
Rectifier. The IR1H40CSP surface-mount Schottky rectifier
has been designed for applications requiring low forward
drop and very small foot prints on PC boards. Typical
applications are in disk drives, switching power supplies,
converters, free-wheeling diodes, battery charging, and
reverse battery protection.
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
The FlipkyTM package, is one-fifth the footprint of a
comparable SMA package and has a profile of less then
.8mm. Combined with the low thermal resistance of the die
level device, this makes the FlipkyTM the best device for
application where printed circuit board space is at a
premium and in extremely thin application environments
such as battery packs, cell phones and PCMCIA cards.
Description
FlipkyTM
Ultra Low VF per Footprint Area
Low Leakage
Low Thermal Resistance
One-fifth Footprint of SMA
Super Low Profile (<.8mm)
Available Tested on Tape & Reel
Features
www.irf.com


Similar Part No. - IR1H40CSP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
IR1.52PM600 BANNER-IR1.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PM900 BANNER-IR1.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PMXX BANNER-IR1.52PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PXX BANNER-IR1.52PXX Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52SM600 BANNER-IR1.52SM600 Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - IR1H40CSP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR140CSP IRF-IR140CSP Datasheet
164Kb / 5P
Flipky
IR0530CSP IRF-IR0530CSP Datasheet
156Kb / 5P
FlipKY 0.5Amp, 30Volt
IR130CSP IRF-IR130CSP Datasheet
168Kb / 5P
Flipky
logo
Vishay Siliconix
FCSP1H40ETR VISHAY-FCSP1H40ETR Datasheet
87Kb / 5P
FlipKY®, 1 A
26-Aug-08
FCSP1H40LTR VISHAY-FCSP1H40LTR_11 Datasheet
114Kb / 6P
FlipKY,1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP05H40ETR VISHAY-FCSP05H40ETR_11 Datasheet
105Kb / 6P
FlipKY, 0.5 A
04-Jul-11
FCSP130LTR VISHAY-FCSP130LTR_11 Datasheet
115Kb / 6P
FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP140LTR VISHAY-FCSP140LTR_11 Datasheet
117Kb / 6P
FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP0530ETR VISHAY-FCSP0530ETR_11 Datasheet
111Kb / 6P
FlipKY, 0.5 A
04-Jul-11
VS-FCSP05H40ETR VISHAY-VS-FCSP05H40ETR Datasheet
105Kb / 6P
FlipKY®, 0.5 A
04-Jul-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com