Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1H40CSP Datasheet(PDF) 5 Page - International Rectifier

Part # IR1H40CSP
Description  Flipky - 1 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1H40CSP Datasheet(HTML) 5 Page - International Rectifier

  IR1H40CSP Datasheet HTML 1Page - International Rectifier IR1H40CSP Datasheet HTML 2Page - International Rectifier IR1H40CSP Datasheet HTML 3Page - International Rectifier IR1H40CSP Datasheet HTML 4Page - International Rectifier IR1H40CSP Datasheet HTML 5Page - International Rectifier IR1H40CSP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IR1H40CSP
Bulletin I0149J rev. E 06/05
5
www.irf.com
1.524
0.355
0.395
0.595
0.675
0.240
0.280
0.300
RECOMMENDED FOOTPRINT
0.800 [.032]
Anode Ball 3
Anode Ball 4
0.800 [.032]
Cathode Ball 2
Cathode Ball 1
4X Ø 0.25 [.010]
0101
0001
DATE CODE
LOT NUMBER
BALL 1 MARK
IR
PART NUMBER
1H40
1.524
[.060]
0.800
[.032]
4X
B
1.524
[.060]
A
0.400
[.016]
2X
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
1
0.10 [.004] C
2X
0.10 [.004] C
2X
2 = CATHODE
3 = ANODE
1 = CATHODE
4 = ANODE
BALL ASSIGNMENTS
2
4
3
8mm
1. TAPE AND REEL OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES:
8mm
4mm
FEED DIRECTION
LOCATION
A1 BALL
Ø 13"
FlipKY TM
Outline Dimension and Tape and Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com