Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 7Page - STMicroelectronics L9942 Datasheet HTML 8Page - STMicroelectronics L9942 Datasheet HTML 9Page - STMicroelectronics L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L9942
3 Electrical specifications
11/37
3
Electrical specifications
3.1
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Note:
Leaving the limitation of any of these values may cause an irreversible damage of the
integrated circuit !
3.2
ESD Protection
Table 4.
ESD Protection
Note: 1 HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A
2 HBM with all unzapped pins grounded
3.3
Thermal data
Table 5.
Operating junction temperature
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3...28
V
single pulse tmax < 400 ms
40
V
VCC
stabilized supply voltage, logic supply
-0.3 to 5.5
V
VDI,VDO,
VCLK VCSN,
VSTEP VEN
digital input / output voltage
-0.3 to VCC + 0.3
V
VRREF
current reference resistor
-0.3 to VCC + 0.3
V
VCP
charge pump output
-0.3 to VS + 11
V
VQxn
(x=A;B n=1;2) output voltage
-0.3 to VS + 0.3
V
IQxn
(x=A;B n=1;2) output current
±2.5
A
Parameter
Value
Unit
All pins
±2 1
kV
output pins: Qxn (x=A;B n=1;2)
±4 2
kV
Symbol
Parameter
Value
Unit
Tj
operating junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com